Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130-CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS8130-CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Features
•• Adds IR port to standard UART
•• IrDA, HPSIR, ASK (CW) & TV remote
compatible
•• 1200bps to 115kbps data rate
•• Programmable Tx LED power
•• Programmable Rx threshold level
•• Power down modes
•• Direct, no modulation, mode
•• Tiny 5x7mm 20 pin SSOP package
•• +2.7V to +5.5V supply
General Description
The CS8130 is an infrared transceiver integrated cir-
cuit. The receive channel includes on-chip high gain
PIN diode amplifier, IrDA, HPSIR, ASK & TV remote
compatible decoder, and data pulse stretcher. The
transmit path includes IrDA, HPSIR, ASK & TV remote
compatible encoder, and LED driver. The computer
data port is standard UART TxD and RxD compatible,
and operates from 1200 to 115200 baud.
External PIN diode and transmit LED are required. A
control mode is provided to allow easy UART program-
ming of different modes.
The CS8130 operates from power supplies of +2.7V to
+5.5V.
Ordering Information:
CS8130-CS
0
° to 70°C
20-pin SSOP
CDB8130 Evaluation kit
Multi-Standard Infrared Transceiver
Semiconductor Corporation
This document contains information for a new product. Crystal
Semiconductor reserves the right to modify this product without notice.
Preliminary Product Information
JUN ’94
DS134PP2
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
Copyright
© Crystal
Semiconductor Corporation 1994
(All Rights Reserved)
CS8130
PIN Diode
Preamplifier
PINC
PINA
Threshold
Detect/Decode
Demodulator
UART
RxD
RXD
LED
Driver 1
LED1C
Modulator
Data/Control
Decoder
TxD
TXD
DTR
Baud Rate
Generator
XTALOUT
XTALIN
+Supply
+Supply
LED
Driver 2
LED2C
EXTCLK
CTS
FORM/BSY
RESET
6
7
1
4
TGND2
TGND1
3
2
CLKFR
5
AGND
19
17
18
9
11
10
15
14
16
13
STANDARD
FIFO
VA+
8
+Supply
VD+
12
DGND
20
PWRDN
D/C


Similar Part No. - CS8130-CS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8130-CS CIRRUS-CS8130-CS Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
More results

Similar Description - CS8130-CS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
Low Power Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
MULTI STANDARD INFRARED TRANSCEIVER
logo
Siemens Semiconductor G...
IRM6000 SIEMENS-IRM6000 Datasheet
68Kb / 3P
INFRARED DATA TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
INFRARED TRANSCEIVER
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
22-Oct-2018
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com