Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130-CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS8130-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OVERVIEW
The CS8130 is an infrared transceiver I.C. The
receive channel includes on-chip high gain PIN
diode amplifier, IrDA, HP-SIR, 500 kHz Ampli-
tu de Shift Keyin g (A SK) & TV remote
compatible decoder, and data pulse stretcher. The
transmit path includes IrDA, HPSIR, 500 kHz
ASK & TV remote compatible encoder, and
LED drivers. The computer data port is standard
UART TxD and RxD compatible, and operates
from 1200 to 115200 baud. An on-chip baud rate
generator is provided.
External PIN diode and transmit LED(s) are re-
quired. A control mode is provided to allow easy
UART programming of different modes.
The CS8130 operates from power supplies of
+2.7 V to +5.5 V. The device is supplied in a 20-
pin SSOP package
FUNCTIONAL DESCRIPTION
The following pages describe the detailed opera-
tion of the CS8130.
IR Data Formats
The CS8130 supports three infrared data trans-
mission formats: IrDA/HPSIR, 500kHz ASK and
38kHz ASK (TV Remote). There is also a direct
access mode, which bypasses the CS8130 en-
coder and decoders, and gives direct access to
the IR raw data. This mode is for situations
where the encoding and/or decoding is done ex-
ternally.
Modes may be set independently for transmit
and receive, although this would be unusual.
Mode 1 IrDA/HP-SIR
The CS8130 is designed to allow easy realiza-
tion of an IrDA compatible IR port (see IrDA
Serial Infrared (SIR) Physical Layer Link Speci-
fication, Version 1.0, April 27 1994). Figure 2
shows the format of Mode 1. A pulse of IR en-
ergy indicates a logic ’0’. No IR indicates a
logic ’1’. The pulse can be from 3/16 of a bit
cell time at 115200 (~1.6
µs), to 3/16 of a bit
cell time at 2400 bps (~78
µs). The width of the
pulse may be fixed at 1.6
µs for all baud rates, or
may scale with the baud rate. The initial baud
rate for IrDA is 9600 bps, with a negotiated baud
rate possibility of 2400 to 115200 bps.
Mode 2 500 kHz ASK
Figure 3 shows the infrared data format for
Mode 2. This is a Carrier Wave (CW) type sys-
tem, where the presence of a 500kHz carrier is
treated as a ’0’, and absence of a carrier is
treated as a ’1’. Normally used baud rates are
9600 bps, 19.2 kbps and 38.4 kbps.
Mode 3 38 kHz ASK (TV remote mode)
Figure 4 shows the infrared data format for
Mode 3, the TV remote control mode. This is
similar to Mode 2, except that the modulation
frequency is ~38kHz. The IR bit rate is approxi-
mately 2400 bps. Both modulation frequency
and bit rate vary significantly for different manu-
facturer and model remote controls.
Mode 4 Direct Access Mode
In Mode 4, the IR transmission tracks directly
what is present on the TXD pin. A logic ’1’
means that the LED is off, a logic ’0’ means that
the LED is on. Care must be taken to ensure that
the LED is not ’on’ continuously, otherwise the
LED may be damaged.
In Mode 4, received IR is compared against the
programmed threshold. The resulting logic out-
put is routed directly to the RXD pin. A logic ’1’
means no IR is detected, a logic ’0’ means IR is
being detected. If a IR carrier is being received,
CS8130
6
DS134PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com