Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCN22 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCN22
Description  isc NPN Power Transistor Die
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCN22 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCN22 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc NPN Power Transistor Die
ISCN22
CHARACTERISTICS
Die Size
300um*300um
Thickness
165±15um
Metal
Solder joint layer
AL:2.8±0.3um
Backside layer
Au ≥1.2um
Bonding Area
Emitter
100um*100um
Base
100um*100um
Scribe Line Size
50um
Wafer Size
φ
125mm
Estimated Gross Die
114000
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base voltage
6
V
IC
Collector Current-Continuous
200
mA
PC
Collector Power Dissipation@ TC=25℃
200
mW
TJ
Junction Temperature
150
℃
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10µA; IB= 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
40
V
V(BR)EBO
Emitter-Base Breakdown voltage
IE= 10µA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
0.95
V
ICBO
Collector Cutoff Current
VCB= 30V; IE=0
100
nA
IEBO
Emitter Cutoff Current
VEB= 3V; IC=0
100
nA
hFE
DC Current Gain
IC= 10mA; VCE= 1V
100
300
hFE
DC Current Gain
IC= 0.1mA; VCE= 1V
40
hFE
DC Current Gain
IC= 100mA; VCE= 1V
30
fT
Gain Bandwidth Product
VCE=20V,IC=10mA,f=100MHz
250
MHz


Similar Part No. - ISCN22

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCN224N ISC-ISCN224N Datasheet
275Kb / 2P
isc Silicon NPN Power Transistors
ISCN225N ISC-ISCN225N Datasheet
275Kb / 2P
isc Silicon NPN Power Transistor
ISCN226N-1 ISC-ISCN226N-1 Datasheet
288Kb / 2P
isc Silicon NPN Power Transistor
ISCN226N-2 ISC-ISCN226N-2 Datasheet
284Kb / 2P
isc Silicon NPN Power Transistor
ISCN226N-3 ISC-ISCN226N-3 Datasheet
276Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - ISCN22

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
logo
Solid States Devices, I...
2SPT6341SD SSDI-2SPT6341SD Datasheet
84Kb / 2P
MultiEpitaxial Planar NPN Power Transistor Die
TR0101 SSDI-TR0101 Datasheet
84Kb / 2P
NPN Power Transistor Die
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com