Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8983 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 8Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
w
WM8983
Mobile Multimedia CODEC with 1W Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Product Preview, August 2005, Rev 1.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8983 is a low power, high quality stereo codec designed
for portable multimedia applications. Highly flexible analogue
mixing functions enable new application features, combining hi-fi
quality audio with voice communication.
The device integrates preamps for stereo differential mics, and
includes drivers for speaker, headphone and differential or stereo
line output. External component requirements are reduced as no
separate microphone or headphone amplifiers are required.
Advanced on-chip digital signal processing includes a 5-band
equaliser, a mixed signal Automatic Level Control for the
microphone or line input through the ADC as well as a purely
digital limiter function for record or playback. A programmable
high pass filter in the ADC path is provided for wind noise
reduction and an IIR with programmable coefficients can be used
as a notch filter to suppress fixed-frequency noise.
The WM8983 digital audio interface can operate in master or
slave mode, while an integrated PLL supports flexible clocking
schemes. A-law and
µ-law companding are fully supported.
The WM8983 operates at analogue supply voltages from 2.5V to
3.3V, although the digital core can operate at voltages down to
1.71V to save power. Speaker supplies can operate up to 5V for
increased speaker output power. Additional power management
control enables individual sections of the chip to be powered
down under software control.
FEATURES
Stereo Codec:
•
DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)
•
ADC SNR 95dB, THD -84dB (‘A’ weighted @ 48kHz)
•
Speaker driver (1W into 8
Ω BTL with 5V supply)
•
Headphone driver with ‘capless’ option
•
40mW per channel output power into 16
Ω / 3.3V AVDD2
•
Pop and click suppression
Mic Preamps:
•
Stereo Differential or mono microphone Interfaces
•
Programmable preamp gain
•
Psuedo differential inputs with common mode rejection
•
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
Other Features:
•
Enhanced 3-D function for improved stereo separation
•
Highly flexible mixing functions
•
5-band equaliser (ADC or DAC path)
•
ADC Programmable high pass filter (wind noise reduction)
•
ADC Programmable IIR notch filter
•
Aux inputs for stereo analog input signals or ‘beep’
•
PLL supporting various clocks between 8MHz-50MHz
•
Sample rates supported (kHz): 8, 11.025, 16, 12, 16, 22.05,
24, 32, 44.1, 48
•
2.5V to 3.6V analogue supplies
•
1.71V to 3.6V digital supplies
•
2.5V to 5.5V speaker supplies
•
5x5mm 32-pin QFN package
APPLICATIONS
•
Multimedia phone


Similar Part No. - WM8983

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
Mobile Multimedia CODEC with 1W Speaker Driver
logo
Wolfson Microelectronic...
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/RV WOLFSON-WM8983GEFL/RV Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983GEFL/V WOLFSON-WM8983GEFL/V Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
More results

Similar Description - WM8983

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
Mobile Multimedia CODEC with 1W Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com