Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1663_17 Datasheet HTML 1Page - Diodes Incorporated AL1663_17 Datasheet HTML 2Page - Diodes Incorporated AL1663_17 Datasheet HTML 3Page - Diodes Incorporated AL1663_17 Datasheet HTML 4Page - Diodes Incorporated AL1663_17 Datasheet HTML 5Page - Diodes Incorporated AL1663_17 Datasheet HTML 6Page - Diodes Incorporated AL1663_17 Datasheet HTML 7Page - Diodes Incorporated AL1663_17 Datasheet HTML 8Page - Diodes Incorporated AL1663_17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
4 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 30
V
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input
-0.3 to 7
V
VCOMP
Loop Compensation Pin
-0.3 to 7
V
VOUT
Driver Output Voltage
-0.3 to 20
V
VPWMD
Voltage at PWMD to GND
-0.3 to 7
V
VAPWM
Voltage at APWM to GND
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
ºC
PD
Power Dissipation at TA = +50ºC
0.65
W
θJA
Thermal Resistance (Junction to Ambient)
150
ºC/W
θJC
Thermal Resistance (Junction to Case)
23
°C/W
ESD (Human Body Model)
2000
V
CDM (Charged-Device Model)
1000
V
Note:
4. Stresses greater than thos
e listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability. All voltages unless otherwise stated and measured with
respect to GND.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature (Note 5)
-40
+105
°C
Note:
5. The device may operate normally at +125°C ambient temperature under the condition not triggers temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com