Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1663_17 Datasheet HTML 4Page - Diodes Incorporated AL1663_17 Datasheet HTML 5Page - Diodes Incorporated AL1663_17 Datasheet HTML 6Page - Diodes Incorporated AL1663_17 Datasheet HTML 7Page - Diodes Incorporated AL1663_17 Datasheet HTML 8Page - Diodes Incorporated AL1663_17 Datasheet HTML 9Page - Diodes Incorporated AL1663_17 Datasheet HTML 10Page - Diodes Incorporated AL1663_17 Datasheet HTML 11Page - Diodes Incorporated AL1663_17 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
8 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Application Information (Cont.)
Start-up
After AC supply is powered on, the capacitor Cvcc across VCC and GND pin will be charged up by BUS voltage through a start-up resistor RTH.
Once VCC reaches VCC_TH, the internal blocks start to work. VCC will be supplied by VBUS until the auxiliary winding of Flyback transformer could
supply enough energy to maintain VCC above VOPR_MIN. If VCC voltage is lower than VOPR_MIN switch will be turned off.
After VCC exceeds VCC_TH
, the drive block won’t start to switch on/off signals until VCOMP is over the initial voltage VCOMP_ST which can be
programmed by RCOMP. The formula is shown as below. Such design can program startup on time to reduce the startup time or reduce the output
overshoot current.
COMP
ST
COMP
R
A
V
V
700
4
.
1
_
Where VCOMP_ST is the pre-charged voltage of COMP pin. RCOMP is shown as Figures 1 and 2.
Generally, a big capacitance of CCOMP is necessary to achieve high power factor and stabilize th
e system loop (1μF to 2μF is recommended). The
pre-charged voltage in start-up procedure can be programmed by RCOMP.
Protections
1. Output Open Protection (OVP)
The output voltage is reflected by the voltage on transformer’s auxiliary winding. Both FB pin and VCC pin of IC integrate over voltage protection
function. When there is a rapid line and load transient, the output voltage may exceed the regulated value. If VCC exceeds VCC_OVP or VFB
exceeds VFB_CV, the over voltage protection will be triggered, switch will be turned off and VCC will be discharged. Once VCC is below VOPR_MIN.
the IC will shut down and be powered on again by BUS voltage through start up resistor.
Thus, output over voltage depends on the minimum voltage between both OVP protections
’ limitation. It can be gotten by below formula.
__
56
,
6
SS
OVP
CC OVP
FB CV
AUX
AUX
NN
RR
V
Min
V
V
N
N
R



Where VOVP is the output over voltage setting; R5 and R6 that is shown as Figure 1 divide reflected voltage.
NAUX is the turns of auxiliary wind; NS is turns of the secondary wind. VCC_OVP is OVP Voltage of VCC.
2. Output short protection (OSP)
When the output is shorted, the output voltage is clamped to zero. The output voltage of the auxiliary winding, which is proportional to the output
winding, will drop down too. Once VCC is below VOPR_MIN, the IC will shut down and power on again by the BUS voltage through the start up
resistor.
3. Over Current Protection (OCP)
The AL1663/AL1663R has a build-in cycle by cycle over current protection of primary inductor current. When CS pin voltage reaches the voltage
VCS_OCP, switch will be turned off until next switch period. The maximum peak current (IPEAK (MAX)) of the inductor can be calculated as below:
_
CS OCP
PEAK MAX
CS
V
I
R
Where VCS_OCP means primary current clamp voltage that is 1.2V.
RCS is current sense resistor which is shown as Figures 1 and 2.
4. Thermal Fold-back Protection (TFP)
The AL1663/AL1663R has thermal fold-back function: it adopts self-adaptive control method which can prevent the system from breaking down
caused by over temperature. The overheating temperature is set at +145°C. When the temperature of the IC is higher than this point; the device
will decrease the voltage reference of the CS linearly till OTP happens. By this way, the device can limit
system’s input power at high ambient
temperature, preventing system’s temperature increases further.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com