Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL1663_17 Datasheet HTML 2Page - Diodes Incorporated AL1663_17 Datasheet HTML 3Page - Diodes Incorporated AL1663_17 Datasheet HTML 4Page - Diodes Incorporated AL1663_17 Datasheet HTML 5Page - Diodes Incorporated AL1663_17 Datasheet HTML 6Page - Diodes Incorporated AL1663_17 Datasheet HTML 7Page - Diodes Incorporated AL1663_17 Datasheet HTML 8Page - Diodes Incorporated AL1663_17 Datasheet HTML 9Page - Diodes Incorporated AL1663_17 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
6 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Performance Characteristics (Note 8)
Startup Threshold Voltage vs. Ambient Temperature
Minimum Operating Voltage vs. Ambient Temperature
Operating Current vs. Ambient Temperature
FB CV Threshold vs. Ambient Temperature
Internal Reference Voltage vs. Ambient Temperature
FB CV Threshold vs. VCC Voltage
-40
-20
0
20
40
60
80
100
120
18.0
18.5
19.0
19.5
20.0
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0.9
1.0
1.1
1.2
1.3
1.4
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
1.2
1.3
1.4
1.5
1.6
1.7
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
7.0
7.2
7.4
7.6
7.8
8.0
Ambient Temperature (
oC)
9
12
15
18
21
24
27
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
CC
Voltage(V)
-40
-20
0
20
40
60
80
100
120
288
292
296
300
304
308
312
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com