Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T60
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 7Page - STMicroelectronics M41T60 Datasheet HTML 8Page - STMicroelectronics M41T60 Datasheet HTML 9Page - STMicroelectronics M41T60 Datasheet HTML 10Page - STMicroelectronics M41T60 Datasheet HTML 11Page - STMicroelectronics M41T60 Datasheet HTML 12Page - STMicroelectronics M41T60 Datasheet HTML 13Page - STMicroelectronics M41T60 Datasheet HTML 14Page - STMicroelectronics M41T60 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
M41T60
–
The second approach is better suited to a
manufacturing environment, and involves the
use of the Frequency Test (FT) pin. The FT pin
will toggle at 512Hz when the ST Bit is set to
'0,' and the OUT Bit and FT Bit are set to '1.'
Any measured deviation from the 512Hz
frequency indicates the degree and direction
of oscillator frequency shift at the test
temperature. For example, a reading of
512.010124Hz would indicate a +20 ppm
oscillator frequency error, requiring a –10
(XX001010) to be loaded into the Calibration
Byte for correction.
Note: Setting or changing the Calibration Byte
does not affect the Frequency Test output
frequency. the FT pin is an open drain pin
which requires a pull-up resistor to VCC for
proper operation. A 500-10k resistor is
recommended in order to control the rise time.
Table 2. Register Map
Keys: 0 = Must be set to '0.'
CB0, CB1 = Century Bits
FT = Frequency Test Bits
OFIE = Oscillator Fail Interrupt Enable Bit
OUT = Output level
S = Sign Bit
ST = STOP Bit
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
0
ST
10 Seconds
Seconds
Seconds
00-59
1
OFIE
10 Minutes
Minutes
Minutes
00-59
2
0
0
10 Hours
Hours
Hours
00-23
3
00000
Day
Day
01-07
4
0
0
10 Date
Date
Date
01-31
5
CB1
CB0
0
10 M.
Month
Century/Month
0-3/01-12
6
10 Years
Years
Year
00-99
7
OUT
FT
S
Calibration
Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com