Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T60
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 9Page - STMicroelectronics M41T60 Datasheet HTML 10Page - STMicroelectronics M41T60 Datasheet HTML 11Page - STMicroelectronics M41T60 Datasheet HTML 12Page - STMicroelectronics M41T60 Datasheet HTML 13Page - STMicroelectronics M41T60 Datasheet HTML 14Page - STMicroelectronics M41T60 Datasheet HTML 15Page - STMicroelectronics M41T60 Datasheet HTML 16Page - STMicroelectronics M41T60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
M41T60
Century Bits
These two bits will increment in a binary fashion at
the turn of the century, and handle leap years cor-
rectly. See Table 3 for additional explanation.
Output Driver Pin
When the OFIE Bit is not set to generate an inter-
rupt, the OFIRQ/OUT pin becomes an output driv-
er that reflects the contents of D7 of the Calibration
Register. In other words, when D7 (OUT Bit) is a
'0,' then the OFIRQ/OUT pin will be driven low.
Note: The OFIRQ/OUT pin is an open drain which
requires an external pull-up resistor.
Oscillator Stop Detection
In the event that the oscillator has either stopped,
or was stopped for some period of time, and if the
Oscillator Fail Interrupt Enable (OFIE) Bit is set to
a '1,' an interrupt will be generated. This interrupt
can be used to judge the validity of the clock and
date data.
The interrupt will be active any time the oscillator
stops while VCC is ≥ 1.0V. The following conditions
will cause the OFIRQ pin to be active:
the ST Bit is set to '1.'
external interference or removal of the crystal.
The Oscillator Fail Interrupt (OFIRQ) will remain
active until the OFIE Bit is reset to '0,' or the oscil-
lator restarts.
The oscillator must start and have run for at least
4 seconds before attempting to set the OFIE Bit to
'1.'
Initial Power-on Defaults
Upon initial application of power to the device, the
OUT Bit will be set to a '1,' while the ST, OFIE, and
FT Bits will be set to '0.' All other Register bits will
initially power-on in a random state.
Table 3. Century Bits Examples
Note: 1. Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by 100. The only exceptions
are those years evenly divisible by 400 (the year 2000 was a leap year, year 2100 is not).
CB0
CB1
Leap Year?
Example(1)
0
0
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com