Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41T60
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 4 Page - STMicroelectronics

  M41T60 Datasheet HTML 1Page - STMicroelectronics M41T60 Datasheet HTML 2Page - STMicroelectronics M41T60 Datasheet HTML 3Page - STMicroelectronics M41T60 Datasheet HTML 4Page - STMicroelectronics M41T60 Datasheet HTML 5Page - STMicroelectronics M41T60 Datasheet HTML 6Page - STMicroelectronics M41T60 Datasheet HTML 7Page - STMicroelectronics M41T60 Datasheet HTML 8Page - STMicroelectronics M41T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M41T60
4/23
SUMMARY DESCRIPTION
The M41T60 Serial Access TIMEKEEPER® is a
low power Serial RTC with a built-in 32.768kHz os-
cillator (external crystal controlled). Eight registers
are used for the clock/calendar function and are
configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a
two-line bi-directional bus. The built-in address
register is incremented automatically after each
WRITE or READ data byte.
The eight clock address locations contain the cen-
tury, year, month, date, day, hour, minute, and
second; in 24-hour BCD format. Corrections for
28-, 29- (leap year), 30-, and 31-day months are
made automatically.
The M41T60 is supplied in 16-lead QFN package.
Figure 4. Logic Diagram
Note: 1. Open Drain
Table 1. Signal Names
AI08869
XI
VCC
M41T60
VSS
XO
SCL
SDA
FT(1)
OFIRQ/OUT(1)
XI
Oscillator Input
XO
Oscillator Output
FT
Frequency Test Output (Open
Drain)
SDA
Serial Data Address Input /
Output
SCL
Serial Clock
OFIRQ/OUT
Oscillator Fail Interrupt/OUT
Output (Open Drain)
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com