Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1672 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1672
Description  SINGLE STAGE DIMMABLE BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1672 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1672 Datasheet HTML 1Page - Diodes Incorporated AL1672 Datasheet HTML 2Page - Diodes Incorporated AL1672 Datasheet HTML 3Page - Diodes Incorporated AL1672 Datasheet HTML 4Page - Diodes Incorporated AL1672 Datasheet HTML 5Page - Diodes Incorporated AL1672 Datasheet HTML 6Page - Diodes Incorporated AL1672 Datasheet HTML 7Page - Diodes Incorporated AL1672 Datasheet HTML 8Page - Diodes Incorporated AL1672 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AL1672
Document number: DS39344 Rev. 1 - 2
4 of 14
www.diodes.com
July 2017
© Diodes Incorporated
AL1672
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 30
V
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input Voltage
-0.3 to 7
V
VCOMP
Loop Compensation Pin
-0.3 to 7
V
VDRAIN
Drain Voltage of Internal MOS
600
V
IDS
Continuous Drain Current TC = +25°C
4
A
VAPWM
Voltage at APWM to GND
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
PD
Power Dissipation at TA=+50°C (Note 5)
1.53
W
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
65
°C/W
θJC
Thermal Resistance (Junction to Case) (Note 5)
22.4
°C/W
-
ESD (Human Body Model)
2000
V
ESD (Machine Model)
200
V
Notes:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability. All voltages unless otherwise stated and measured with
respect to GND.
5. Device mounted on 2"x2" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature (Note 6)
-40
+105
°C
Note:
6. The device may operate normally at +125°C ambient temperature under the condition not trigger temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com