Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1672 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1672
Description  SINGLE STAGE DIMMABLE BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1672 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1672 Datasheet HTML 1Page - Diodes Incorporated AL1672 Datasheet HTML 2Page - Diodes Incorporated AL1672 Datasheet HTML 3Page - Diodes Incorporated AL1672 Datasheet HTML 4Page - Diodes Incorporated AL1672 Datasheet HTML 5Page - Diodes Incorporated AL1672 Datasheet HTML 6Page - Diodes Incorporated AL1672 Datasheet HTML 7Page - Diodes Incorporated AL1672 Datasheet HTML 8Page - Diodes Incorporated AL1672 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AL1672
Document number: DS39344 Rev. 1 - 2
2 of 14
www.diodes.com
July 2017
© Diodes Incorporated
AL1672
Typical Applications Circuit
OUT
+
VCC FB
DRAIN
CS
GND
R5
R6
C
4
RTH
AC
Input
F1
VR1
DB1
C2
L1
C1
D2
COMP
CCOMP
R3
D1
RCS
R4
DRAIN
1
3
4
6
5
7 APWM
RCOMP
PWM/DC
Signal
8
2
L2
CVCC
AL1672 BUCK Application Circuit
Pin Descriptions
Pin Number
Pin Name
Function
1
CS
Current sense pin, connect this pin to the source of the primary
switch
2
GND
Ground
3,4
DRAIN
Drain of internal MOS
5
VCC
Supply voltage of gate driver and control circuits of the IC
6
FB
The feedback voltage sensing from the auxiliary winding
7
APWM
Analog dimming input pin or PWM signal input pin in PWM dimming
mode
8
COMP
Loop compensation pin
9
Exposed Pad
Drain of internal MOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com