Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1672 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1672
Description  SINGLE STAGE DIMMABLE BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1672 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1672 Datasheet HTML 4Page - Diodes Incorporated AL1672 Datasheet HTML 5Page - Diodes Incorporated AL1672 Datasheet HTML 6Page - Diodes Incorporated AL1672 Datasheet HTML 7Page - Diodes Incorporated AL1672 Datasheet HTML 8Page - Diodes Incorporated AL1672 Datasheet HTML 9Page - Diodes Incorporated AL1672 Datasheet HTML 10Page - Diodes Incorporated AL1672 Datasheet HTML 11Page - Diodes Incorporated AL1672 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AL1672
Document number: DS39344 Rev. 1 - 2
8 of 14
www.diodes.com
July 2017
© Diodes Incorporated
AL1672
Functional Description and Application Information (Cont.)
Where VOVP is the output over voltage setting; R5 and R6 is shown as Figure.1, it is the resistor divider from auxiliary winding;
NAUX is the turns of L2 auxiliary winding; NP is turns of L2 main winding. VCC_OVP is OVP Voltage of VCC.
2. Output Short Protection (OSP)
When the output is shorted, the output voltage is clamped to zero. The output voltage of the auxiliary winding, which is proportional to the output
winding, will drop down too. Once VCC is below VOPR_MIN, the IC will shut down and power on again by the BUS voltage through the start up
resistor.
3. Over Current Protection (OCP)
The AL1672 has a build-in cycle by cycle over current protection of primary inductor current. When CS pin voltage reaches the voltage VCS_OCP,
switch will be turn off until next switch period. The maximum peak current (IPEAK (MAX)) of the inductor can be calculated as below:
_
CS OCP
PEAK MAX
CS
V
I
R
------------------------------------------------ (3)
Where VCS_OCP means primary current clamp voltage that is 1.25V.
RCS is current sense resister which is shown as figure1.
4. Thermal Fold-Back Protection (TFP)
The AL1672 has thermal fold-back function: it adopts self-adaptive control method which can prevent the system from breaking down caused by
over temperature. The overheating temperature is set at +145°C. When the temperature of the IC is higher than this point; the device will decrease
the voltage reference of the CS linearly till OTP happens. By this way, the device can limit system’s input power at high ambient temperature,
preventing system’s temperature increase further.
5. Over Temperature Protection (OTP)
The AL1672 has build-in over temperature protection (OTP) function. When the temperature goes up to +165°C, the over temperature protection
will be triggered, which leads to a latch mode protection. When OTP happens, the system need to be powered off and on again to restart.
Output Constant-Current Control
According to the definition of mean output current, the mean output current can be obtained as below.
_
11
2
O MEAN
P
I
I
dt

 
 
------------------------------------------------ (4)
_
arcsin
2
IN
RMS
Vo
V
------------------------------------------------ (5)
Where IO_MEAN is the mean output current; IP is the peak current of inductance; VIN_RMS is the rate input voltage; VO is the output voltage;
It can be described by following formula:
1
REF
P
CS
V
I
R dt

 
------------------------------------------------ (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com