Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHFD29 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VHFD29
Description  Half Controlled Single Phase Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHFD29 Datasheet(HTML) 1 Page - IXYS Corporation

  VHFD29 Datasheet HTML 1Page - IXYS Corporation VHFD29 Datasheet HTML 2Page - IXYS Corporation VHFD29 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
V
RRM = 800-1600 V
I
dAVM
= 32 A
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
H = 85
°C, module
28
A
I
dAVM x
module
32
A
I
FRMS, ITRMS
per leg
25
A
I
FSM, ITSM
T
VJ = 45
°C;
t = 10 ms (50 Hz), sine
300
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
330
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
270
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
300
A
I2t
T
VJ = 45
°C
t = 10 ms (50 Hz), sine
440
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
455
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
365
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
370
A2s
(di/dt)
cr
T
VJ = 125
°C
repetitive, I
T = 50 A
150
A/
ms
f = 50 Hz, t
P = 200
ms
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive, I
T =
0.5 I
dAV
500
A/
ms
di
G/dt = 0.3 A/
ms
(dv/dt)
cr
T
VJ = T(vj)m;
V
DR = 2/3 VDRM
1000
V/
ms
R
GK =
¥; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =
30
ms
£
10
W
I
T = 0.5 IdAVM
t
p =
500
ms
£
5W
t
p =
10 ms
£
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL
£ 1 mA
t = 1 s
3600
V~
d
S
Creep distance on surface
12.7
mm
d
A
Strike distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 UNF)
18-22
lb.in.
Weight
35
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
VHFD 29-08io1
1300
1200
VHFD 29-12io1
1500
1400
VHFD 29-14io1
1700
1600
VHFD 29-16io1
Dimensions in mm (1 mm = 0.0394")
Bridge and Freewheeling Diode
Features
q
Package with DCB ceramic base
plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
Blocking voltage up to 1600 V
q
Low forward voltage drop
q
Leads suitable for PC board soldering
q
UL registered E 72873
Applications
q
Supply for DC power equipment
q
DC motor control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
VHFD 29
Half Controlled
Single Phase Rectifier Bridge
Including Freewheeling Diode and Field Diodes
1
3
5
2
6
8
10


Similar Part No. - VHFD29

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD16-08IO1 IXYS-VHFD16-08IO1 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD16-12IO1 IXYS-VHFD16-12IO1 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD16-14IO1 IXYS-VHFD16-14IO1 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD16-16IO1 IXYS-VHFD16-16IO1 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
More results

Similar Description - VHFD29

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHF85 IXYS-VHF85 Datasheet
36Kb / 2P
Half Controlled Single Phase Rectifier Bridge, B2HKF
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
L042 IXYS-L042 Datasheet
61Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
Single Phase Half Controlled Rectifier Bridge
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
Single Phase Half Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ55A NAINA-NHQ55A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 55A
NHQ70A NAINA-NHQ70A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 70A
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
Half Controlled Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com