Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2431EB3VST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS2431EB3VST
Description  Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS2431EB3VST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS2431EB3VST Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2431EB3VST Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2431EB3VST Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2431EB3VST Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2431EB3VST Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2431EB3VST Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2431EB3VST Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
17
www.ptcc.com.tw
AS2431
Precision Adjustable Shunt Reference
SEMICONDUCTOR
Features
•
Temperature-compensated: 15 ppm/°C
•
Trimmed bandgap reference
•
Internal amplifier with 100 mA capability
•
Multiple temperature ranges
•
Low frequency dynamic output
impedance: < 450 m
Ω
•
Low output noise
Description
The AS2431 is a three-terminal adjustable shunt regulator providing a
highly accurate bandgap reference. The adjustable shunt regulator is
ideal for a wide variety of linear applications that can be implemented
using external components to obtain adjustable currents and voltages.
In the standard shunt configuration, the combination of low temperature
coefficient (TC), sharp turn-on characteristics, low output impedance
and programmable output voltage make this precision reference an
excellent error amplifier.
The AS2431 is a direct replacement for the AS431 in low voltage, low
current applications. It is also available in the very small footprint SOT-
23.
CATHODE
TO-92 (LP)
8L SOIC (8D)
ANODE
REFERENCE
CATHODE
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
SOT-89 (S)
3L SOT-23 (3VS)
ANODE
REFERENCE
1
2
3
4
8
7
6
5
CATHODE
REFERENCE
ANODE
Circuit Type:
Precision Adjustable
Shunt Regulator
Bandgap Tolerance:
A =
±0.25%
C =
±0.5%
D =
±1.0%
E =
±2.0%
Temperature Range:
AS2431 A C 8D N
Packaging Option:
A
B
T
M
N
Package Style:
= Ammo Pack
= Bulk
= Tube
= Tape and Reel (7" Reel Dia. SOT-23 Only)
= Tape and Reel (13" Reel Dia)
=
=
=
=
=
=
=
=
8 Pin, Plastic SOIC
TO-92
SOT-89
3 Pin, SOT-23
8D
LP
S
3VS
A
B
C
F
0
°C to 70°C
0
°C to 105°C
–40
°C to +85°C
–55
°C to +125°C
Ordering Information
Pin Configuration – Top View


Similar Part No. - AS2431EB3VST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AS240A TI-AS240A Datasheet
592Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
AS245 TI-AS245 Datasheet
526Kb / 16P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
AS2479284 ETC1-AS2479284 Datasheet
845Kb / 2P
Super-Size AkroBin® Lids
2016
AS2479287 ETC1-AS2479287 Datasheet
845Kb / 2P
Super-Size AkroBin® Lids
2016
AS2479288 ETC1-AS2479288 Datasheet
845Kb / 2P
Super-Size AkroBin® Lids
2016
More results

Similar Description - AS2431EB3VST

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com