Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6600 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6600
Description  35V, 1.5A, Stepper Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6600 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6600 Datasheet HTML 7Page - Monolithic Power Systems MP6600 Datasheet HTML 8Page - Monolithic Power Systems MP6600 Datasheet HTML 9Page - Monolithic Power Systems MP6600 Datasheet HTML 10Page - Monolithic Power Systems MP6600 Datasheet HTML 11Page - Monolithic Power Systems MP6600 Datasheet HTML 12Page - Monolithic Power Systems MP6600 Datasheet HTML 13Page - Monolithic Power Systems MP6600 Datasheet HTML 14Page - Monolithic Power Systems MP6600 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP6600
– 35V, 1.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6600 Rev. 1.01
www.MonolithicPower.com
11
12/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Gate
Driver
Gate
Driver
Control
Logic
VREF
Int. VCC
LS Gate
Drive V
Motor
Charge
Pump
CPA
CPB
VCP
AOUT1
AOUT2
BOUT1
BOUT2
ROSC
DIR
nENBL
MS1
MS2
nSLEEP
µC
VIN
MP6600
nFAULT
ISENSE
PWM
Timer
UVLO
OVP
OTS
VG
STEP
Curr.
Reg.
ISENSE
Curr.
Reg.
ISET
VIN
VIN
VIN
GND
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com