Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6600 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6600
Description  35V, 1.5A, Stepper Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6600 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6600 Datasheet HTML 10Page - Monolithic Power Systems MP6600 Datasheet HTML 11Page - Monolithic Power Systems MP6600 Datasheet HTML 12Page - Monolithic Power Systems MP6600 Datasheet HTML 13Page - Monolithic Power Systems MP6600 Datasheet HTML 14Page - Monolithic Power Systems MP6600 Datasheet HTML 15Page - Monolithic Power Systems MP6600 Datasheet HTML 16Page - Monolithic Power Systems MP6600 Datasheet HTML 17Page - Monolithic Power Systems MP6600 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP6600
– 35V, 1.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6600 Rev. 1.01
www.MonolithicPower.com
14
12/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The nENBL pin is used to control the output
drivers. When nENBL is low, the output H-
bridge outputs are enabled, and the rising
edges on STEP are recognized. When nENBL
is high, the H-bridge outputs are disabled, and
the STEP input is ignored. nENBL has an
internal pull-down resistor.
Fault Reporting
The MP6600 provides an nFAULT pin, which
reports if a fault condition (such as OCP, OTP,
or OVP) occurs. nFAULT is an open-drain
output and is driven low when a fault condition
occurs. If the fault condition is removed,
nFAULT is pulled high by an external pull-up
resistor.
Over-Current Protection (OCP)
Over-current protection (OCP) circuitry limits
the current through the MOSFETs by disabling
the
gate
driver.
If
the
over-current
limit
threshold is exceeded for longer than the over-
current deglitch time, all MOSFETs in the H-
bridge are disabled, and nFAULT is driven low.
The driver remains disabled for 2.4ms typically,
at which time it is re-enabled automatically.
Over-current conditions on both high- and low-
side devices (i.e.: a short to ground, supply, or
across the motor winding) result in an over-
current shutdown. Note that OCP does not use
the current sense circuitry used for PWM
current control.
Over-Voltage Protection (OVP)
If the input voltage on VIN is higher than the
over-voltage protection (OVP) threshold, the H-
bridge output is disabled, and nFAULT is driven
low. This protection is released when VIN drops
below 36V.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If at any time the voltage on VIN falls below the
under-voltage lockout (UVLO) threshold voltage,
all circuitry in the device is disabled, and the
internal logic is reset. Operation resumes when
VIN rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all
MOSFETs in the H-bridge are disabled, and
nFAULT
is
driven
low.
Once
the
die
temperature has fallen to a safe level, operation
resumes automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com