Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6600 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6600
Description  35V, 1.5A, Stepper Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6600 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6600 Datasheet HTML 8Page - Monolithic Power Systems MP6600 Datasheet HTML 9Page - Monolithic Power Systems MP6600 Datasheet HTML 10Page - Monolithic Power Systems MP6600 Datasheet HTML 11Page - Monolithic Power Systems MP6600 Datasheet HTML 12Page - Monolithic Power Systems MP6600 Datasheet HTML 13Page - Monolithic Power Systems MP6600 Datasheet HTML 14Page - Monolithic Power Systems MP6600 Datasheet HTML 15Page - Monolithic Power Systems MP6600 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP6600
– 35V, 1.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6600 Rev. 1.01
www.MonolithicPower.com
12
12/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP6600 is a bipolar, stepper motor driver
that
integrates
eight
N-channel
power
MOSFETs arranged as two full-bridges with
1.5A of current capability each. The MP6600
operates over a wide 4.5V to 35V voltage
supply range.
The MP6600 is designed to operate bipolar
stepper motors in full-, half-, quarter-, and
eighth-step modes. At each step, the current of
each full-bridge is set by the output voltage of a
DAC, which is controlled by the output of the
translator.
The currents in each of the two outputs are
regulated with programmable, constant off-time,
pulse-width modulation (PWM) control circuitry.
The MP6600 integrates internal current sensing
with no external sense resistors required.
Stepping
The motor moves step-by-step by applying a
series of pulses to STEP. A rising edge on the
STEP input sequences the translator and
advances the motor by one increment. The
translator controls the input to the DACs and
the direction of current flow in each winding.
The amplitude of the increment (step size) is
determined by the state of the inputs (MS1 and
MS2) (see Table 1).
The state of DIR determines the direction of the
rotation of the stepper motor.
The minimum STEP pulse width is 1µs. The
logic control inputs MSx and DIR require at
least 200ns of set-up time and hold time to the
rising edge of the STEP input (see Figure 2).
Step
MSx, DIR
tA
tB
tC
tD
Figure 2: STEP Timing Diagram
Programmable Constant Off-Time Current
Control
The
motor
current
is
regulated
by
a
programmable constant off-time PWM current
control circuit.
Initially, a diagonal pair of MOSFETs turns on
and drives current through the motor winding.
The current increases in the motor winding,
which is sensed by an internal current sense
circuit. During the initial blanking time (tBLANK),
the high-side MOSFET (HS-FET) always turns
on in spite of current limit detection.
When the current reaches the current trip
threshold, the internal current comparator either
shuts off the HS-FET so the winding inductance
current freewheels through the two low-side
MOSFETs (LS-FET) (slow decay) or turns on
another diagonal pair of MOSFETs so the
current flows back to the input (fast decay). The
current continues decreasing for the constant
off-time duration unless a zero current level is
detected. Afterward, the HS-FET is enabled to
increase the winding current again. The cycle
then repeats.
The constant off-time (toff) is determined by the
selection of an external resistor (ROSC), which
can be approximated with Equation (1):
OFF
OSC
t
(ns)
115 R
(k )
(1)
The full-scale (100%) regulation current can be
calculated with Equation (2):
Max
ISET
I
71k / R

(2)
The DAC output reduces the trip current in
precise steps. Calculate the trip current with
Equation (3):
Max
Trip
Trip
I
I
I
 %
(3)
See Table 2 for %ITrip at each step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com