Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6601 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6601 Datasheet HTML 1Page - Monolithic Power Systems MP6601 Datasheet HTML 2Page - Monolithic Power Systems MP6601 Datasheet HTML 3Page - Monolithic Power Systems MP6601 Datasheet HTML 4Page - Monolithic Power Systems MP6601 Datasheet HTML 5Page - Monolithic Power Systems MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
4
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
4.5
24
35
V
Quiescent current
I
Q
VIN = 24V, nSLEEP = 1,
with no load
1.5
5
mA
I
SLEEP
VIN = 24V, nSLEEP = 0
1
µA
Internal MOSFETs
Output on resistance
R
HS
V
IN = 24V, IOUT = 1A,
T
J = 25°C
0.195
0.23
Ω
V
IN = 24V, IOUT = 1A,
T
J = 85°C
(5)
0.25
Ω
R
LS
V
IN = 24V, IOUT = 1A,
T
J = 25°C
0.17
0.22
Ω
V
IN = 24V, IOUT = 1A,
T
J = 85°C
(5)
0.25
Ω
Body diode forward voltage
VF
I
OUT = 1.5A
1.1
V
Control Logic
Input logic low threshold
VIL
0.8
V
Input logic high threshold
VIH
2.1
V
Logic input current
IIN(H)
VIH = 5V
20
µA
IIN(L)
VIL = 0.8V
5
µA
Internal pull-down resistance
R
PD
500
kΩ
Home nFAULT Outputs (Open-Drain Outputs)
Output low voltage
VOL
IO = 5mA
0.5
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuit
UVLO rising threshold
V
IN_RISE
3.4
4.5
V
UVLO hysteresis
V
HYS
300
mV
Input OVP threshold
VOVP
36
37.5
38.5
V
Input OVP hysteresis
∆VOVP
1900
mV
Over-current trip level
IOCP1
Sinking
3
6
8
A
IOCP2
Sourcing
3
6
8
A
Over-current deglitch time (5)
tOCP
1
µs
Thermal shutdown (5)
TTSD
165
°C
Thermal shutdown hysteresis
(5)
∆TTSD
15
°C
Current Control
Constant off time
tOFF
Rt = 200kΩ
20
23
26
µs
Blanking time (5)
t
BLANK
2
µs
Peak current regulation level
IPEAK
RISET = 71kΩ
0.95
1.0
1.05
A
ISET voltage
VISET
0.9
V
ISET current ratio
AISET
IISET/IOUT
11
12.676
14
µA/A
Current trip accuracy
∆ITRIP
RISET = 71kΩ, 71 - 100%
-5
5
%
RISET = 71kΩ, 38 - 67%
-10
10
%
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com