Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6601 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems MP6601 Datasheet HTML 10Page - Monolithic Power Systems MP6601 Datasheet HTML 11Page - Monolithic Power Systems MP6601 Datasheet HTML 12Page - Monolithic Power Systems MP6601 Datasheet HTML 13Page - Monolithic Power Systems MP6601 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
12
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATIONS INFORMATION
Driving DC Brush Motors
The MP6601 can be used to drive two DC
brush motors. The connections are shown in
Figure 4 below:
Figure 4: DC Brush Motor Connection
When driving DC motors with the MP6601,
there are some limitations that must be taken
into account.
Since both H-bridges use the same current
regulation threshold, both motors will current
limit at the same current.
Often, current
regulation is not used with DC brush motors; in
this case, it is recommended to select a 28kΩ
ISET resistor to set the current limit at 2.5A. If it
is desired to limit the stall current of the motors
to a lower value, select an appropriate value for
the ISET resistor as described in Equation (2)
above.
The MP6601 does not support the short brake
function, where both outputs are connected
together. The enable signal shown above drives
the motor when low, and the motor coasts when
high. Speed control can be implemented by
applying a PWM signal to the enable signals.
Bidirectional control can be accomplished by
applying a PWM signal to the direction inputs –
duty cycles above 50% will cause rotation in
one direction, and less than 50% will cause
rotation in the other direction.
PCB Layout
The power dissipated in the output MOSFETs
must be removed from the IC package to keep
the device temperature within limits.
The
exposed pad under the device is used to
conduct heat out of the die.
The pad should be connected to a large copper
area or ground plane, using thermal vias to
transmit heat to other layers as needed.
External components, including the ISET and
ROSC resistors and a supply bypass capacitors,
should be placed as close as possible to the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com