Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6601 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems MP6601 Datasheet HTML 10Page - Monolithic Power Systems MP6601 Datasheet HTML 11Page - Monolithic Power Systems MP6601 Datasheet HTML 12Page - Monolithic Power Systems MP6601 Datasheet HTML 13Page - Monolithic Power Systems MP6601 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
13
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-24 (5mmx5mm)
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS
.
2) EXPOSED PADDLE SIZE DOES NOT
INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10
MILLIMETERS MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.30x45 TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com