Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated ZXLD1370 Datasheet HTML 10Page - Diodes Incorporated ZXLD1370 Datasheet HTML 11Page - Diodes Incorporated ZXLD1370 Datasheet HTML 12Page - Diodes Incorporated ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated ZXLD1370 Datasheet HTML 14Page - Diodes Incorporated ZXLD1370 Datasheet HTML 15Page - Diodes Incorporated ZXLD1370 Datasheet HTML 16Page - Diodes Incorporated ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
13 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Typical Characteristics (Cont.) Buck-Boost Mode – RS = 150mΩ, GIRATIO = 0.23, L = 47µH
0.330
0.335
0.340
0.345
0.350
0.355
0.360
0.365
0.370
6.5
8
9.5
11
12.5
14
15.5
17
INPUT VOLTAGE (V)
Figure 18 LED Current vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
0
100
200
300
400
500
600
700
800
6.5
8
9.5
11
12.5
14
15.5
17
INPUT VOLTAGE (V)
Figure 19 Switching Frequency vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
60
65
70
75
80
85
90
95
100
6.5
8
9.5
11
12.5
14
15.5
17
INPUT VOLTAGE (V)
Figure 20 Efficiency vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com