Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated ZXLD1370 Datasheet HTML 22Page - Diodes Incorporated ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
21 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
As the regulated frequency is known, and we have already found D from Equation 7 or the approximation Equation 7b, this allows calculation of
tON.
The ZXLD1370 sets the
ripple current, ΔIL is monitored by the ZXLD1370 which sets this to be between nominally 10% and 30% of the mean coil
current, ICOIL, which is found from Equation 8. The device adjusts the ripple current within this range in order to regulate the switching frequency.
We therefore need to use a value of 20% of ICOIL to find an inductance which is optimized for the input voltage range. The range of ripple current
control is also modulated by other circuit parameters as follows.
I
ADJ
_
GI
D
1
V
V
12
.
0
03
.
0
I
COIL
REF
ADJ
LMAX




I
ADJ
_
GI
D
1
V
V
04
.
0
01
.
0
I
COIL
REF
ADJ
LMIN




Equation 20
I
ADJ
_
GI
D
1
V
V
08
.
0
02
.
0
I
COIL
REF
ADJ
LMID




If ADJ is connected to REF, this simplifies to:
I
ADJ
_
GI
D
1
15
.
0
I
COIL
LMAX
I
ADJ
_
GI
D
1
05
.
0
I
COIL
LMIN
Equation 20a
I
ADJ
_
GI
D
1
1
.
0
I
COIL
LMID
W
here ΔILMID is the value we must use in Equation 18. We have now established the inductance value.
The chosen coil should have a saturation current higher than the peak sensed current. This saturation current is the DC current for which the
inductance has decreased by 10% compared to the low current value.
Assuming ±10% ripple current, we can find this peak current from Equation 8, adjusted for ripple current:
1.1 ILED
for Buck
ICOILPEAK =
1.1 IINMAX
for Boost
Equation 21
1.1 IINMAX + ILED
for Buck-Boost
Where IINMAX is the value of IIN at minimum VIN.
The mean current rating is also a factor, but normally the saturation current is the limiting factor.
The following websites may be useful in finding suitable components:
www.coilcraft.com
www.niccomp.com
www.wuerth-elektronik.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com