Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1370 Datasheet HTML 1Page - Diodes Incorporated ZXLD1370 Datasheet HTML 2Page - Diodes Incorporated ZXLD1370 Datasheet HTML 3Page - Diodes Incorporated ZXLD1370 Datasheet HTML 4Page - Diodes Incorporated ZXLD1370 Datasheet HTML 5Page - Diodes Incorporated ZXLD1370 Datasheet HTML 6Page - Diodes Incorporated ZXLD1370 Datasheet HTML 7Page - Diodes Incorporated ZXLD1370 Datasheet HTML 8Page - Diodes Incorporated ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
2 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Typical Applications Circuit
VAUX
VIN
ISM
PWM
GI
ADJ
GATE
REF
FLAG
TADJ
STATUS
SHP
SGND PGND
L1
SD1
C1
C2
VIN 8V
to 18V
GND
R1
LED 1
to 4
TH1
10k
Thermally connected
33mH
0R1
4.7µF
100pF
RGI2
62k
51k
RGI1
2k
R4
Q1
DMN6068LK3
PSD3100
I LED = 1A
U1
ZXLD1370
COUT
4.7µF
Buck-Boost Diagram Utilizing Thermistor and TADJ
85
˚C
70
˚C
ILED
100%
10%
TLED
Thermal network response in Buck configuration with:
Rth = 2k
Ω and TH1=10kΩ (beta =3900)
REF
TADJ
Rth
TH1
Curve Showing LED Current vs. TLED
Functional Block Diagram
Fast
current
monitor
Accurate
current
monitor
-
Error amp
Demand
current
source
Frequency &
hysteresis
control
Gate
driver
ADJ
COMPIN
RS
VIN
+
-
LOAD
L
GI
D
R2
R1
VIN
ISENSE
VAUX
VAUX
PWM
SGND
PGND
REF
TADJ
Reference
STATUS
FLAG
Error
report



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com