Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15HVATNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15HVATNET
Description  2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15HVATNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH15HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
separately) provide a variety of environmental monitoring capabilities. Protocols supported include IPv4,
IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and NTP.
Easy to Install Horizontally in an EIA-Standard 19 in. Rack
This ATS PDU mounts in 1U of space in 19-inch rack or rack cabinet using the included brackets and
hardware.
TAA-Compliant for GSA Schedule Purchases
The PDUMH15HVATNET is compliant with the Federal Trade Agreements Act (TAA), which makes it
eligible for GSA (General Services Administration) Schedule and other federal procurement contracts.
2-Year Warranty
The PDUMH15HVATNET is backed by a 2-year warranty, ensuring reliability and performance.
ft. (3.7 m)
Rack-mounting hardware
q
Owner’s manual
q
OVERVIEW
UPC Code
037332197504
PDU Type
Auto-Transfer Switch; Switched
OUTPUT
Output Capacity Details
2.4kW (240V), 2.3kW (230V), 2.2kW (220V), 2.08kW (208V), 2.0kW (200V) / 10A total capacity; 10A max per C13
outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(10) C13
Output Nominal Voltage
200; 208; 220; 230; 240
Overload Protection
n/a
Customized Load Management
Receptacles
8 individually switched C13 output receptacles (2 unswitched)
INPUT
PDU Input Voltage
200; 208; 220; 230; 240
Maximum Input Amps
10
PDU Plug Type
(2) IEC-320 C14
Input Cord Details
Set of two C14 inlets and two included cordsets enable connection to separate PRIMARY and SECONDARY power
sources
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com