Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15HVATNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15HVATNET
Description  2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15HVATNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH15HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Front Panel LEDs
8 LEDs display power on-off status for each C13 output receptacle, plus 2 additional LEDs to indicate input power
status for primary and secondary inputs
Switches
Toggle switch near digital display enables the setting of "HI" for 220, 230 or 240V nominal applications or "LO" for
200 or 208V applications
PHYSICAL
Minimum Required Rack Depth
(inches)
16.7
Minimum Required Rack Depth (cm)
42.42
Shipping Dimensions (hwd / in.)
4.33 x 20.28 x 22.83
Shipping Dimensions (hwd / cm)
11.00 x 51.51 x 57.99
Shipping Weight (lbs.)
15.65
Shipping Weight (kg)
7.10
Unit Dimensions (hwd / in.)
1.71 x 17.33 x 14.45
Unit Dimensions (hwd / cm)
4.34 x 44 x 36.7
Unit Weight (lbs.)
10.41
Unit Weight (kg)
4.72
Material of Construction
Steel
Form Factors Supported
1U rackmount
PDU Form Factor
Horizontal (1U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
5-95% (non-condensing)
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
COMMUNICATIONS
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
CERTIFICATIONS
Certifications
Tested to UL 60950-1 (USA, Canada), CE (EU), NOM (Mexico), GOST (Russia), EN55032:2015 and EN62040-
2:2006, FCC Class A (Emissions), RoHS Complaint, TAA Compliant
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com