Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15HVATNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15HVATNET
Description  2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15HVATNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH15HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-2.4kW Single-Phase ATS/Switched PDU, LX
Platform, 200-240V Outlets (10 C13), 2 C14 Inlets,
3.6 m Cords, 1U, TAA
MODEL NUMBER: PDUMH15HVATNET
2–2.4kW ATS PDU enables redundant power for non-redundant network devices and provides remote
power monitoring.
Features
2–2.4kW Single-Phase ATS PDU with Primary and Secondary Inputs for Power Redundancy
Recommended for data centers, server rooms and network closets, this 1U switched power distribution
unit enables redundant A/B power for network devices with single power cords. Dual 12-foot (3.7-meter)
input cords with C14 plugs connect to separate primary and secondary mains circuits, backup generators,
UPS systems or utility power grids. Plug-lock insert sleeves are included to prevent connected cords from
becoming accidentally dislodged. The PDUMH15HVATNET constantly evaluates the power quality of both
input sources and maintains continuous power to all outlets as derived from the primary source.
Switches from Primary to Secondary Power Source in Milliseconds
Dynamic solid-state automatic transfer switching (ATS) allows the IEC C13 PDU to switch to the
secondary source within 2–5 milliseconds, should the primary source fail or become unstable, to ensure
your connected equipment operates without interruption. An on-board ATS processor prevents switching if
the secondary source is unavailable or of lower quality than the primary source.
Switched C13 Outlets Are Individually Controllable for Remote Reboots and Load Shedding
This switched power distribution unit distributes, monitors and manages selectable 200–240V power to
equipment in network applications requiring individual outlet control, load shedding and remote monitoring
of critical network components. Eight switched C13 outlets (two additional C13 outlets are unswitched) are
subject to advanced network control and remote power monitoring, including the ability to turn on, turn off,
reboot or lock out power to each outlet. Reducing the frequency of on-site visits can save you money and
reduce downtime, thus lowering the PDU’s total cost of ownership.
Check Essential Functions at a Glance
A front-panel digital load meter displays total PDU output current in amps. LEDs indicate on/off status of
individual outlets and power status of primary and secondary inputs. An input-voltage select switch lets
you toggle between high (220, 230 or 240V) or low (200 or 208V) voltage.
Built-In LX Platform Interface Gives You Unrestricted Remote Access to Your Equipment 24/7
The Java-free HTML5-based LX Platform network interface enables full remote access for PDU status
monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports 10/100 Mbps
auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2 modules (sold
Highlights
8 switched and 2 unswitched
200–240V C13 outlets distribute
power to connected equipment
q
Built-in Java-free HTML5-based
LX Platform interface allows you
24/7 remote access
q
Remote power monitoring and
control reduces on-site visits
and maintenance costs
q
Dual 12 ft. input cords with C14
plugs connect to separate
primary/secondary power
sources
q
Mounts horizontally in 1U of
space in common 19 in. racks
for easy installation
q
Applications
Distribute power to mission-
critical devices in small data
centers, server rooms and
wiring closets whose continuous
operation is vital
q
Remotely manage networking
equipment in a large industrial
or commercial facility
q
Monitor load levels from various
servers, switches and other
computer network components
q
Package Includes
PDUMH15HVATNET 2–2.4kW
Single-Phase ATS/Switched
PDU
q
Built-in LX Platform interface
q
Configuration cable
q
(12) Plug-lock insert sleeves
q
(2) C13 to C14 power cords, 12
q
1 / 4


Similar Part No. - PDUMH15HVATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH15HVAT TRIPPLITE-PDUMH15HVAT Datasheet
162Kb / 4P
2??.4kW Single-Phase ATS/Metered PDU, 200??40V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U Rack-Mount, TAA
More results

Similar Description - PDUMH15HVATNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUBHV10 ETC2-PDUBHV10 Datasheet
489Kb / 5P
Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
logo
Tripp Lite. All Rights ...
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUBHV10 TRIPPLITE-PDUBHV10 Datasheet
158Kb / 3P
2-2.4kW Single-Phase Hot-Swap PDU, 200-240V 10A Outlets (8-C13), 2-C14, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUMH15HVAT TRIPPLITE-PDUMH15HVAT Datasheet
162Kb / 4P
2??.4kW Single-Phase ATS/Metered PDU, 200??40V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U Rack-Mount, TAA
PDUMH15HVNET TRIPPLITE-PDUMH15HVNET Datasheet
162Kb / 4P
2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMNH20HVAT1 TRIPPLITE-PDUMNH20HVAT1 Datasheet
159Kb / 3P
3.8kW 200??40V Single-Phase ATS/Monitored PDU - 8 C13 and 2 C19 Outlets, Dual C20 Inlets, 12 ft. Cords, Network Card, 1U, TAA
PDUBHV101U TRIPPLITE-PDUBHV101U Datasheet
173Kb / 3P
200-250V 10A Single-Phase Hot-Swap PDU with Manual Bypass - 6 C13 Outlets, 2 C14 Inlets, 1U Rack/Wall
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMNH32HVAT2 TRIPPLITE-PDUMNH32HVAT2 Datasheet
168Kb / 4P
7.4kW 200-240V Single-Phase ATS/Monitored PDU - 16 C13 & 2 C19 Outlets, Dual IEC 309 32A Blue Inputs, 3 m Cords, 2U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com