Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15HVNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15HVNET
Description  2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15HVNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH15HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
8 switched C13 outlets
q
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
q
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional
loads and disabling unused outlets
q
LX Platform network interface provides PDU control and data regarding input voltage and output load
levels
q
In-rack environmental reporting with optional temperature, humidity and contact-closure sensor options
q
10/100 Mbps auto-sensing
q
Included cord retention brackets keep vital network equipment plugged in and continuously powered
q
OVERVIEW
UPC Code
037332139276
PDU Type
Switched
OUTPUT
Output Capacity Details
2.5kW (208V), 2.3kW (230V) / 12A (10A CE) total capacity
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(8) C13
Output Nominal Voltage
208; 230
Overload Protection
n/a
Customized Load Management
Receptacles
8 individually switched output receptacles
INPUT
PDU Input Voltage
208; 230
Recommended Electrical Service
12A 208V; 10A 230V
Maximum Input Amps
15
Maximum Input Amps Details
Agency de-rated to 12A at 200, 208, 220 & 240V; Agency de-rated to 10A at 230V
PDU Plug Type
IEC-320 C14
Input Cord Length (ft.)
6.5
Input Cord Length (m)
1.98
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com