Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15HVNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15HVNET
Description  2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15HVNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH15HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Management Interface
The management interface for this PDU model is transitioning to a new technology platform. The new
interface can be distinguished by a USB-A port (for EnviroSense2 modules) in place of the
round ENVIROSENSE port. For managing the units containing the round port, Tripp Lite recommends
using the PowerAlert Console Launcher rather than a web browser. This application enables local access
of the PDU using a self-contained, compatible Java Runtime Environment version. The Console Launcher
can be downloaded for free; click the above link or go to the Management Solutions / Utilities page. Units
with the new interface work will with most current web browsers.
2.3-2.9kW Single-Phase Switched PDU with LX
Platform network interface, 200-240V (8 C13),
C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount,
TAA
MODEL NUMBER: PDUMH15HVNET
Description
Tripp Lite Switched PDU / Power Distribution Unit offers advanced network control and monitoring with the
ability to turn on, turn off, recycle or lock-out power to each individual receptacle, monitor site electrical
conditions and remotely monitor output power consumption. Supports remote control and custom
notification of user-specified conditions. Individually switched outlets can be controlled in real-time to
remotely reboot unresponsive network hardware, or be custom programmed for user-defined power-up
and power-down sequences to ensure proper startup of interdependent IT systems and prevent inrush-
related overloads as network equipment is first energized. Unused PDU outlets can be electronically
locked off to prevent the connection of unauthorized hardware. PDU output current consumption in amps
is displayed locally via visual meter and remotely via web/network interface to warn of potential overloads
before critical IT mains or branch breakers trip.
Features
200/208/230/240V Switched Power Distribution Unit / PDU with built-in web/network interface (15A
maximum; Agency de-rated to 12A 200/208/240V and 10A at 230V)
q
C14 power inlet accepts a wide variety of worldwide input cord options
q
Includes 6.5 ft. / 2m C14 cable
q
1U horizontal rackmount form factor
q
Highlights
Switched 10/12A 200-240V
PDU; 1U horizontal rackmount
q
LX Platform network interface
q
Visual current meter; reversible
housing
q
C14 inlet; 6.5ft / 2m C14 power
cable included
q
8 C13 switched outlets with cord
retention brackets
q
Temperature, humidity and
contact-closure monitoring
options
q
TAA Compliant
q
Package Includes
1U Switched PDU
q
Mounting brackets
q
Cord retention plates
q
C13 to C14 power cable
q
1 / 4


Similar Part No. - PDUMH15HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH15HVAT TRIPPLITE-PDUMH15HVAT Datasheet
162Kb / 4P
2??.4kW Single-Phase ATS/Metered PDU, 200??40V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U Rack-Mount, TAA
PDUMH15HVATNET TRIPPLITE-PDUMH15HVATNET Datasheet
163Kb / 4P
2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
More results

Similar Description - PDUMH15HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUBHV10 TRIPPLITE-PDUBHV10 Datasheet
158Kb / 3P
2-2.4kW Single-Phase Hot-Swap PDU, 200-240V 10A Outlets (8-C13), 2-C14, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUMH15HVATNET TRIPPLITE-PDUMH15HVATNET Datasheet
163Kb / 4P
2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
PDUMH16HV TRIPPLITE-PDUMH16HV Datasheet
162Kb / 3P
3.8kW Single-Phase Metered PDU, 200/220/230/240V Outlets (8 C13, 2 C19) IEC-309 16A Blue, 8ft Cord, 1U Rack-Mount, TAA
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVNET TRIPPLITE-PDUMH20HVNET Datasheet
163Kb / 4P
3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMH30HV19NET TRIPPLITE-PDUMH30HV19NET Datasheet
165Kb / 4P
5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com