Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15HVNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15HVNET
Description  2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15HVNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH15HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Front Panel LEDs
8 LEDs display power on-off status for each output receptacle
Switches
n/a
PHYSICAL
Minimum Required Rack Depth
(inches)
17.1
Minimum Required Rack Depth (cm)
43.43
Shipping Dimensions (hwd / in.)
5.70 x 20.70 x 23.00
Shipping Dimensions (hwd / cm)
14.48 x 52.58 x 58.42
Shipping Weight (lbs.)
13.20
Shipping Weight (kg)
5.99
Unit Dimensions (hwd / in.)
1.75 x 17.3 x 14.8
Unit Dimensions (hwd / cm)
2,87 x 43,9 x 37,6
Unit Weight (lbs.)
9.00
Unit Weight (kg)
4.08
Material of Construction
Metal
Form Factors Supported
1U rackmount. Includes mounting accessories for 2-4 post racks
PDU Form Factor
Horizontal (1U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
5-95% non-condensing
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
COMMUNICATIONS
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
SPECIAL FEATURES
TVSS Grounding
Back panel grounding lug
CERTIFICATIONS
Certifications
Tested to UL/CAN 60950-1 (USA, Canada), FCC / EN Class A (Emissions), NOM (Mexico), CE (IEC 60950), RoHS
compliant, TAA Compliant
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com