Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20HVATNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20HVATNET
Description  3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20HVATNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH20HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
continuous)
Enables redundant A/B power option for single-corded network devices
q
2 digit display reports power consumption in amps
q
1U horizontal rackmount form factor
q
10 outlets (8 C13 switched / 2 C19 unswitched)
q
Two C20 inlets for separate Primary and Secondary inputs; two 12 ft / 3.7m C20 input cables included
q
ATS circuits normally maintain output sourced from the primary input cable; As primary input power
fails, the ATS will switch to maintain output sourced from the secondary input cable until power on the
primary input is restored and stable
q
ATS configurations enable hot-swappable UPS protection when used with a single UPS and redundant
UPS protection when each cord is connected to a separate UPS system (in a two-UPS environment, the
primary input cable must be supported by an online UPS with zero transfer time)
q
Advanced ATS configurations utilizing separate mains circuits, backup generators and separate out of
phase utility power grid feeds are supported
q
On-board ATS processor constantly evaluates power quality on both inputs to prevent transfer to the
secondary source when unavailable or of lower quality than the primary source
q
2-7 millisecond transfer time
q
Switched outlets and ethernet interface supports individual outlet control on a real-time or
programmable basis and user-specified alarm notification thresholds for all reported site power
conditions
q
LX Platform interface allows full remote access for power monitoring with email notifications via secure
web browser, SNMP, telnet or SSH
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
Outlets are factory programmed for sequential turn-on at 250 millisecond intervals when the PDU is first
energized
q
LEDs confirm power availability on both input lines and for each output receptacle
q
Federal Trade Agreements Act / TAA Compliant for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332151506
PDU Type
Auto-Transfer Switch; Switched
OUTPUT
Output Capacity Details
3.84kW (240V), 3.68kW (230V), 3.52kW (220V), 3.33kW (208V), 3.2kW (200V) / 16A total capacity; 16A max per
C19 outlet; 12A (10A CE) max per C13 outlet
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com