Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20HVATNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20HVATNET
Description  3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20HVATNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH20HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Management Interface
The management interface for this PDU model is transitioning to a new technology platform. The new
interface can be distinguished by a USB-A port (for EnviroSense2 modules) in place of the
round ENVIROSENSE port. For managing the units containing the round port, Tripp Lite recommends
using the PowerAlert Console Launcher rather than a web browser. This application enables local access
of the PDU using a self-contained, compatible Java Runtime Environment version. The Console Launcher
can be downloaded for free; click the above link or go to the Management Solutions / Utilities page. Units
with the new interface work will with most current web browsers.
3.2-3.8kW Single-Phase ATS/Switched PDU, LX
Platform Interface, 200-240V Outlets (8 C13 & 2
C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
MODEL NUMBER: PDUMH20HVATNET
Description
Tripp Lite Switched ATS / Auto Transfer Switch provides a redundant power option for single-corded
network devices. Dual input cords support separate connection to PRIMARY and SECONDARY power
sources. The ATS will normally maintain continuous output to all outlets as derived from the primary input
cable. If the primary power source becomes unstable or fails altogether, the ATS will switch over to the
secondary power source until the primary input is restored and stable. Switched PDU features include
individually controllable output receptacles and built-in network interface. Super-fast switchover between
primary and secondary power sources occurs within milliseconds. ATS functionality is supported by any
two compatible AC power sources, regardless of phase angle, to support a variety of advanced redundant
power networking applications. Enables fault tolerant hot-swappable UPS protection when used with a
single UPS and fully redundant UPS protection when each cord is connected to a separate UPS system.
In a two-UPS environment, the primary input cable must be supported by a full time sine wave UPS with
zero transfer time. Tripp Lite SmartOnline series is highly recommended for use as the primary UPS in a
two-UPS application. ATS configurations utilizing separate mains circuits, backup generators and even
separate utility power grid feeds are fully supported. On-board ATS processor constantly evaluates power
quality on both input sources to prevent transfer to the secondary source when unavailable or of lower
quality than the primary source. Front input LED's display primary or secondary power availability. Built-in
LX Platform network management interface card. The Java-free LX Platform HTML5-based network
interface enables full remote access for PDU status monitoring and email notifications via secure web
browser, SNMP, telnet or SSH. It supports 10/100 Mbps auto-sensing for optimum communication with an
Ethernet network. Optional EnviroSense2 modules (sold separately) provide a variety of environmental
monitoring capabilities. Protocols supported include HTTP, HTTPS, SMTP, SNMPv1, SNMPv2,
SNMPv3, telnet, SSH, FTP, DHCP and NTP.
Features
200-240V 16/20A Automatic Transfer Switch (ATS) / Switched PDU (Agency de-rated to 16A
q
Highlights
Single phase 16/20A 200-240V
Auto Transfer Switch / ATS PDU
q
Enables redundant A/B power
option for non-redundant
network devices
q
Built-in LX Platform Network
Interface
q
1U horizontal rackmount; 10
outlets (8 C13 switched / 2 C19
unswitched)
q
Individually switched outlets,
network interface and 2 digit
visual current meter
q
TAA Compliant
q
Package Includes
Switch, Metered PDU with ATS
Support
q
Set of 2 C19 to C20 12 ft. / 3.7m
power cables
q
User manual with warranty
information
q
1 / 4


Similar Part No. - PDUMH20HVATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
More results

Similar Description - PDUMH20HVATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC_15 Datasheet
480Kb / 3P
1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
PDUMH15HVATNET TRIPPLITE-PDUMH15HVATNET Datasheet
163Kb / 4P
2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
PDUMH15HVNET TRIPPLITE-PDUMH15HVNET Datasheet
162Kb / 4P
2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
PDUMH16HV TRIPPLITE-PDUMH16HV Datasheet
162Kb / 3P
3.8kW Single-Phase Metered PDU, 200/220/230/240V Outlets (8 C13, 2 C19) IEC-309 16A Blue, 8ft Cord, 1U Rack-Mount, TAA
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVNET TRIPPLITE-PDUMH20HVNET Datasheet
163Kb / 4P
3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDUMNH20HV TRIPPLITE-PDUMNH20HV Datasheet
160Kb / 4P
3.2-3.8kW Single-Phase Monitored PDU, 208/220/230/240V Outlets (8-C13), C20/L6-20P Adapter, 8ft Cord, 1U Rack-Mount; TAA Compliant
PDUMNV20HV2 TRIPPLITE-PDUMNV20HV2 Datasheet
167Kb / 4P
3.2-3.8kW Single-Phase Monitored PDU, 200-240V Outlets (18-C13 & 2-C19), C20/L6-20P, 0U Vertical, 35.5 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com