Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20HVATNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20HVATNET
Description  3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20HVATNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH20HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(8) C13; (2) C19
Output Nominal Voltage
200; 208; 220; 230; 240
Overload Protection
n/a
Customized Load Management
Receptacles
8 individually switched C13 output receptacles
INPUT
PDU Input Voltage
200; 208; 220; 230; 240
Recommended Electrical Service
20A 208/240V; 16A 230V
Maximum Input Amps
20.0
Maximum Input Amps Details
Agency de-rated to 16A continuous
PDU Plug Type
(2) IEC-320 C20
Input Cord Details
Set of two inputs connect to separate PRIMARY and SECONDARY power sources
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
Front Panel LEDs
8 LEDs display power on-off status for each C13 output receptacle, plus 2 additional LEDs to indicate input power
status for primary and secondary inputs
Switches
Toggle switch near digital display enables the setting of "HI" for 220, 230 or 240V nominal applications or "LO" for
200 or 208V applications
PHYSICAL
Minimum Required Rack Depth
(inches)
18.3
Minimum Required Rack Depth (cm)
46.48
Shipping Dimensions (hwd / in.)
5.40 x 20.80 x 23.40
Shipping Dimensions (hwd / cm)
13.72 x 52.83 x 59.44
Shipping Weight (lbs.)
17.90
Shipping Weight (kg)
8.12
Unit Dimensions (hwd / in.)
1.72 x 17.3 x 14.8
Unit Dimensions (hwd / cm)
4,4 x 43,9 x 37,6
Unit Weight (lbs.)
10.30
Unit Weight (kg)
4.67
Material of Construction
Metal
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com