Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20HVNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20HVNET
Description  3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20HVNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH20HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
1U horizontal rackmount form factor
q
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
q
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional
loads and disabling unused outlets
q
Network interface provides PDU control and data regarding input voltage, frequency and loading
information
q
Digital display reports load level information in amps
q
Supports user-specified alarm notification thresholds
q
LX Platform interface allows full remote access for power monitoring with email notifications via secure
web browser, SNMP, telnet or SSH
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
Real-time clock backup maintains the time of day and date even if the PDU is unpowered
q
Tiered access privileges allow an administrator and a guest to login via web browser
q
Alert notifications via email or SNMP traps offer immediate event notification
q
Firmware upgrade ability supports future product enhancements
q
Reduce Service Calls with Auto Probe Autonomous Device Management.The Auto Probe feature
(Firmware 15.5.2 and greater) checks the connectivity status of any networked device and automatically
takes one or more user-configured actions if the device fails to respond; actions include outlet reboot,
set SNMP traps, SNMP OID sets, and even script execution when used in conjunction with the Tripp
Lite PowerAlert Network Shutdown Agent (PANSA).
q
Mounting flanges support installation in 2 and 4 post racks, with additional support for wall-mount and
under-counter installation formats
q
Mounting ears are reversible for front or rear facing rackmount installation
q
Included cord retention brackets
q
Compliant with the Federal Trade Agreements Act(TAA) for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332139283
PDU Type
Switched
OUTPUT
Output Capacity Details
3.84kW (240V), 3.68kW (230V), 3.52kW (220V), 3.33kW (208V) / 16A total capacity; 12A (10A CE) max per C13
outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(8) C13
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com