Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20HVNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20HVNET
Description  3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20HVNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH20HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Nominal Voltage
208; 220; 230; 240
Overload Protection
n/a
Customized Load Management
Receptacles
8 individually switched output receptacles
INPUT
PDU Input Voltage
208; 220; 230; 240
Recommended Electrical Service
20A 208/240V; 16A 230V
Maximum Input Amps
20
Maximum Input Amps Details
Agency de-rated to 16A continuous
PDU Plug Type
NEMA L6-20P; IEC-320 C20
Input Cord Length (ft.)
8
Input Cord Length (m)
2.44
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
Front Panel LEDs
8 LEDs display power on-off status for each output receptacle
Switches
n/a
PHYSICAL
Minimum Required Rack Depth
(inches)
17.1
Minimum Required Rack Depth (cm)
43.43
Shipping Dimensions (hwd / in.)
5.40 x 20.70 x 22.40
Shipping Dimensions (hwd / cm)
13.72 x 52.58 x 56.90
Shipping Weight (lbs.)
14.40
Shipping Weight (kg)
6.53
Unit Dimensions (hwd / in.)
1.72 x 17.33 x 14.77
Unit Dimensions (hwd / cm)
4,4 x 44 x 37,52
Unit Weight (lbs.)
9.00
Unit Weight (kg)
4.08
Material of Construction
Metal
Form Factors Supported
1U rackmount. Includes mounting accessories for 2-4 post racks
PDU Form Factor
Horizontal (1U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com