Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20HVNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20HVNET
Description  3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20HVNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH20HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Management Interface
The management interface for this PDU model is transitioning to a new technology platform. The new
interface can be distinguished by a USB-A port (for EnviroSense2 modules) in place of the
round ENVIROSENSE port. For managing the units containing the round port, Tripp Lite recommends
using the PowerAlert Console Launcher rather than a web browser. This application enables local access
of the PDU using a self-contained, compatible Java Runtime Environment version. The Console Launcher
can be downloaded for free; click the above link or go to the Management Solutions / Utilities page. Units
with the new interface work will with most current web browsers.
3.3-3.8kW Single-Phase Switched PDU, LX
Platform Interface, 208/220/230/240V Outlets (8
C13), C20 / L6-20P input, 8ft Cord, 1U Rack-
Mount, TAA
MODEL NUMBER: PDUMH20HVNET
Description
Tripp Lite single phase Switched PDU / Power Distribution Unit offers advanced network control and
monitoring with the ability to turn on, turn off, recycle or lock-out power to each individual receptacle,
monitor site electrical conditions and remotely monitor output power consumption. Individually switched
outlets can be controlled in real-time to remotely reboot unresponsive network hardware, or be custom
programmed for user-defined power-up and power-down sequences to ensure proper startup of
interdependent IT systems and prevent inrush-related overloads as network equipment is first energized.
Unused PDU outlets can be electronically locked off to prevent the connection of unauthorized hardware.
PDU output current consumption in amps is continuously displayed locally via visual meter and remotely
via web/network interface to warn of potential overloads before critical IT mains or branch breakers trip.
Built-in LX Platform network management interface card. The Java-free LX Platform HTML5-based
network interface enables full remote access for PDU status monitoring and email notifications via secure
web browser, SNMP, telnet or SSH. It supports 10/100 Mbps auto-sensing for optimum communication
with an Ethernet network. Optional EnviroSense2 modules (sold separately) provide a variety of
environmental monitoring capabilities. Protocols supported include HTTP, HTTPS, SMTP, SNMPv1,
SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and NTP.
Features
16/20A 208/230/240V Switched Power Distribution Unit / PDU with built-in web/network interface
(Agency derated to 16A continuous)
q
C20 inlet; 8.5 ft. / 2.6m C20 power cable with L6-20P plug adapter
q
8 switched C13 outlets
q
Highlights
Switched 16/20A
208/220/230/240V PDU, 1U
Horizontal Rackmount format
q
Reports voltage, frequency &
loading information via LX
platform ethernet interface
q
Visual current meter, reversible
housing
q
C20 inlet; 8ft / 2.4m C20 input
cable with L6-20P adapter
q
8 C13 switched outlets with plug
lock retention sleeves
q
Temperature, humidity and
contact-closure monitoring
options
q
TAA Compliant
q
Package Includes
PDUMH20HVNET Switched
PDU
q
Rack mounting hardware
q
(8) Plug-lock inserts
q
Cord retainer
q
Configuration cable
q
(1) IEC C19-to-C20 AC
Interconnection cable
q
IEC C19-to-L6-20P plug adapter
q
Owners' Manuals
q
1 / 4


Similar Part No. - PDUMH20HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
More results

Similar Description - PDUMH20HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH16HV TRIPPLITE-PDUMH16HV Datasheet
162Kb / 3P
3.8kW Single-Phase Metered PDU, 200/220/230/240V Outlets (8 C13, 2 C19) IEC-309 16A Blue, 8ft Cord, 1U Rack-Mount, TAA
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMNH20HV TRIPPLITE-PDUMNH20HV Datasheet
160Kb / 4P
3.2-3.8kW Single-Phase Monitored PDU, 208/220/230/240V Outlets (8-C13), C20/L6-20P Adapter, 8ft Cord, 1U Rack-Mount; TAA Compliant
PDUMNV20HV2LX TRIPPLITE-PDUMNV20HV2LX Datasheet
185Kb / 4P
3.3/3.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (18 C13/2 C19), C20/L6-20P, 0U 90cm/35.5 in., TAA
PDUMNV20HVLX TRIPPLITE-PDUMNV20HVLX Datasheet
184Kb / 4P
3.3??.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (20 C13/4 C19), C20/L6-20P, 0U 1.8m/70 in., TAA
PDUMV20HVNET2LX TRIPPLITE-PDUMV20HVNET2LX Datasheet
185Kb / 4P
3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
PDUH20HVL6 TRIPPLITE-PDUH20HVL6 Datasheet
156Kb / 3P
3.3/3.8kW Single-Phase 208/240V Basic PDU, 14 Outlets (12 C13 & 2 C19), NEMA L6-20P Input, 15 ft. (4.57 m) Cord, 1U Rack-Mount
PDUMH30HV19NET TRIPPLITE-PDUMH30HV19NET Datasheet
165Kb / 4P
5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com