Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH32HVNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH32HVNET
Description  7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH32HVNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH32HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional
loads and disabling unused outlets
q
Network interface provides PDU control and data regarding input voltage, frequency and loading
information
q
Digital display reports load level information in amps
q
Supports user-specified alarm notification thresholds
q
DHCP/Manual configuration support
q
10/100 Mbps auto-sensing
q
Real-time clock backup maintains the time of day and date even if the PDU is unpowered
q
Alert notifications via email or SNMP traps offer immediate event notification
q
Firmware upgrade ability supports future product enhancements
q
LX Platform interface allows full remote access for power monitoring with email notifications via secure
web browser, SNMP, telnet or SSH
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
Mounting flanges support installation in 2 and 4 post racks, with additional support for wall-mount and
under-counter installation formats
q
Mounting ears are reversible for front or rear facing rackmount installation
q
Included cord retention brackets
q
TAA Compliant
q
OVERVIEW
UPC Code
037332157249
PDU Type
Switched
OUTPUT
Output Capacity Details
7.4kW (230V) / 32A total capacity / 20A max per breakered outlet bank; 16A max per C19 outlet, 10A max per C13
outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(16) C13
Output Nominal Voltage
230
Overload Protection
Two 20A circuit breakers protect 8 outlets each
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
INPUT
Nominal Input Voltage(s) Supported
230V AC
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com