Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH32HVNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH32HVNET
Description  7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH32HVNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH32HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Management Interface
The management interface for this PDU model is transitioning to a new technology platform. The new
interface can be distinguished by a USB-A port (for EnviroSense2 modules) in place of the
round ENVIROSENSE port. For managing the units containing the round port, Tripp Lite recommends
using the PowerAlert Console Launcher rather than a web browser. This application enables local access
of the PDU using a self-contained, compatible Java Runtime Environment version. The Console Launcher
can be downloaded for free; click the above link or go to the Management Solutions / Utilities page. Units
with the new interface work will with most current web browsers.
7.4kW Single-Phase Switched PDU, LX Platform
Interface, 230V Outlets (16-C13), IEC-309 Blue
230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
MODEL NUMBER: PDUMH32HVNET
Description
Tripp Lite Switched PDU / Power Distribution Unit offers advanced network control and monitoring with the
ability to turn on, turn off, recycle or lock-out power to each individual receptacle, monitor site electrical
conditions and remotely monitor output power consumption. Built-in LX Platform network management
interface. The Java-free LX Platform HTML5-based network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and NTP.
Individually switched outlets can be controlled in real-time to remotely reboot unresponsive network
hardware, or be custom programmed for user-defined power-up and power-down sequences to ensure
proper startup of interdependent IT systems and prevent inrush-related overloads as network equipment
is first energized. Unused PDU outlets can be electronically locked off to prevent the connection of
unauthorized hardware. PDU output current consumption in amps is displayed locally via front panel
current meter or remotely via web/network interface to warn of potential overloads before critical IT mains
or branch breakers trip.
Features
230V Switched PDU with built-in web/network interface in 2U rackmount form factor; 32A capacity
q
Blue 230V IEC-309 32A (2P+E) input cable; 12 ft. / 3.6m power cable included
q
16 switched C13 outlets
q
2U horizontal rackmount form factor
q
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
q
Highlights
Switched 32A 7.4kW 230V
PDU; 2U horizontal rackmount
q
LX Platform interface reports
voltage, frequency & loading
information
q
Visual current meter; Reversible
housing
q
Blue 230V IEC-309 32A (2P+E)
input cable
q
16 C13 switched outlets with
plug-lock cable retention inserts
q
Temperature, humidity and
contact closure options
q
TAA Compliant
q
Package Includes
Switched PDU
q
Rack installation brackets
q
Cable retention inserts
q
Configuration cable
q
User manual
q
1 / 4


Similar Part No. - PDUMH32HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
More results

Similar Description - PDUMH32HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDU3XEVSR6G32B TRIPPLITE-PDU3XEVSR6G32B Datasheet
177Kb / 5P
22.2kW 3-Phase Switched PDU, LX Platform Interface, 220/230V Outlets (24 C13/6 C19), Touchscreen LCD, IEC 309 32A Red 380/400V, 0U, TAA
PDU3XEVSR6G63B TRIPPLITE-PDU3XEVSR6G63B Datasheet
177Kb / 5P
27.7kW 3-Phase Switched PDU, LX Platform Interface, 220/230V Outlets (24 C13/6 C19), Touchscreen LCD, IEC 309 63A Red 380/400V, 0U, TAA
PDUH32HV TRIPPLITE-PDUH32HV Datasheet
160Kb / 3P
7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMNH32HV TRIPPLITE-PDUMNH32HV Datasheet
167Kb / 4P
7.4kW Single-Phase Monitored PDU with LX Platform Interface, 230V Outlets (12-C13, 4-C19), IEC-309 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMNV32HV2LX TRIPPLITE-PDUMNV32HV2LX Datasheet
188Kb / 4P
7.4kW Single-Phase Monitored PDU, LX Interface, 230V Outlets (36 C13/6 C19), IEC 309 32A Blue, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMV32HV TRIPPLITE-PDUMV32HV Datasheet
163Kb / 4P
7.4kW Single-Phase Metered PDU, 230V Outlets (8 C19 and 40 C13), IEC-309 32A Blue Input, 10 ft. Cord, 0U Vertical, TAA, 70 in.
PDUMV32HVNETLX TRIPPLITE-PDUMV32HVNETLX Datasheet
171Kb / 3P
7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com