Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH32HVNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH32HVNET
Description  7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH32HVNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH32HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH32HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PDU Input Voltage
230
Recommended Electrical Service
32A 230V
Maximum Input Amps
32
PDU Plug Type
IEC-309 32A BLUE (2P+E)
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports output amps in 3 loading segments (BANK 1: Outlets #1-8; BANK 2: Outlets #9-16; BANK 3:
All outlets combined)
Front Panel LEDs
16 power availability LEDs confirm power off/on status for each built-in outlet; Two additional LEDs identify which
bank the visual current meter is reporting (Bank 1, Bank 2 or Banks 1&2 combined)
Switches
Pushbutton near the digital current meter advances the display of output current for Bank 1, Bank 2 and Banks 1&2
combined
PHYSICAL
Minimum Required Rack Depth
(inches)
14.8
Minimum Required Rack Depth (cm)
37.59
Shipping Dimensions (hwd / in.)
7.70 x 16.90 x 19.70
Shipping Dimensions (hwd / cm)
19.56 x 42.93 x 50.04
Shipping Weight (lbs.)
16.40
Shipping Weight (kg)
7.44
Unit Dimensions (hwd / in.)
3.5 x 17.5 x 12.5
Unit Dimensions (hwd / cm)
8.9 x 44.5 x 31.75
Unit Weight (lbs.)
13.7
Unit Weight (kg)
6.21
Material of Construction
Metal
Form Factors Supported
2U rackmount
PDU Form Factor
Horizontal (2U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
Up to 95% non-condensing
Operating Elevation (ft.)
Up to 10,000
Operating Elevation (m)
Up to 3000
COMMUNICATIONS
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com