Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV20HVNET2LX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMV20HVNET2LX
Description  3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV20HVNET2LX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMV20HVNET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Distributes, Monitors and Manages Network-Grade AC Power
3.3–3.7kW 208/230 switched PDU with single-phase input
q
C20 inlet compatible with wide variety of user-supplied power cords
q
Detachable 10 ft. cord with NEMA L6-20P plug included
q
Firmware upgrades support future product enhancements
q
7 C13 and 1 C19 Switched Outlets Distribute AC Power
Individual outlets can be remotely controlled to power up, power down, reboot or lock out devices
q
Included plug-lock inserts prevent cables from becoming accidentally disconnected
q
Digital Ammeter
Reports total connected equipment load in real time
q
Supports IP-address self-ID
q
Rotates 180° for easy reading at either angle
q
Built-In LX Platform Interface
Allows full remote access for power monitoring with email notifications via secure web browser, SNMP,
telnet or SSH
q
Supports 10/100 Mbps auto-sensing for communication with an Ethernet network
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
No Java required
q
Broad Communications Compatibility
Supports IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP
and NTP
q
Supports automatic and manual assignment of IP address
q
Easy 0U Installation in EIA-Standard 19 in. Racks
Mounts vertically using included toolless buttons or rack-mounting brackets
q
Included PDUMVROTATEBRKT allows mounting with rear-facing outlets
q
TAA-Compliant
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332205278
PDU Type
Switched
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com