Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV20HVNET2LX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV20HVNET2LX
Description  3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV20HVNET2LX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV20HVNET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3–3.7kW Single-Phase Switched PDU, LX
Platform Interface, 208/230V Outlets (7 C13/1
C19), C20/L6-20P, 0U 1m/39 in., TAA
MODEL NUMBER: PDUMV20HVNET2LX
3.3–3.7kW vertical PDU distributes, monitors and manages single-phase power in an IT or industrial
environment. Built-in Java-free network interface helps you remotely monitor load levels to prevent
overloads that cause downtime.
Description
The PDUMV20HVNET2LX 3.3–3.7kW Single-Phase Switched PDU provides advanced network control
and remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet.
Recommended for your IT or industrial application, it features eight switched outlets (seven C13 and one
C19) with included plug-lock insert sleeves to prevent cables from becoming accidentally disconnected.
The C20 inlet is compatible with a wide variety of user-supplied power cords for connecting to an AC
source, generator or protected UPS. A detachable 10-foot cord with NEMA L6-20P plug is included.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and
NTP.
A digital ammeter allows you to monitor the total connected load in real time to ensure it remains well
below maximum capacity with no danger of overload. The switched PDU mounts in 0U of space in EIA-
standard 19-inch racks using the included toolless mounting buttons or the included rack-mounting
brackets. Use the included PDUMVROTATEBRKT kit to install the unit with outlets facing the rear for
better airflow or equipment access.
Features
Highlights
3.3–3.7kW 208/230 single-
phase switched 1-meter 0U
PDU
q
8 individually controllable
outlets—7 C13, 1 C19
q
Built-in Java-free LX Platform
interface for 24/7 remote access
q
Digital ammeter for on-site load
monitoring in real time
q
C20 inlet input with detachable
10 ft. NEMA L6-20P power cord
q
Package Includes
PDUMV20HVNET2LX
3.3–3.7kW Single-Phase
Switched PDU
q
Built-in LX Platform interface
q
Detachable NEMA L6-20P to
C19 power cord, 10 ft.
q
Configuration cable
q
(8) Plug-lock inserts
q
Rack-mounting hardware
q
PDUMVROTATEBRKT
mounting bracket accessory
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMV20HVNET2LX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
More results

Similar Description - PDUMV20HVNET2LX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20HVNET TRIPPLITE-PDUMH20HVNET Datasheet
163Kb / 4P
3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDUMH32HVNET TRIPPLITE-PDUMH32HVNET Datasheet
170Kb / 4P
7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMNV20HV2 TRIPPLITE-PDUMNV20HV2 Datasheet
167Kb / 4P
3.2-3.8kW Single-Phase Monitored PDU, 200-240V Outlets (18-C13 & 2-C19), C20/L6-20P, 0U Vertical, 35.5 in., TAA
PDUMNV20HV2LX TRIPPLITE-PDUMNV20HV2LX Datasheet
185Kb / 4P
3.3/3.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (18 C13/2 C19), C20/L6-20P, 0U 90cm/35.5 in., TAA
PDUMNV20HVLX TRIPPLITE-PDUMNV20HVLX Datasheet
184Kb / 4P
3.3??.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (20 C13/4 C19), C20/L6-20P, 0U 1.8m/70 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
PDU3EVN6H50BA TRIPPLITE-PDU3EVN6H50BA Datasheet
171Kb / 3P
14.5kW 3-Phase Monitored PDU - LX Platform, 30 C13 & 12 C19 Outlets (208/240V), Hubbell CS8365C, 0U, TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com