Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV20HVNET2LX Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMV20HVNET2LX
Description  3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV20HVNET2LX Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMV20HVNET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV20HVNET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OUTPUT
Output Capacity Details
3.68kW (230V), 3.33kW (208V) / 16A total capacity; 16A max per C19 outlet; 12A (10A CE) max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(7) C13; (1) C19
Output Nominal Voltage
208; 230
Overload Protection
n/a
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
INPUT
PDU Input Voltage
208; 230
Recommended Electrical Service
20A 208V; 16A 230V
Maximum Input Amps
20
Maximum Input Amps Details
Agency de-rated to 16A continuous
Input Connection Type
C20 inlet accepts included L6-20P input cable
PDU Plug Type
NEMA L6-20P; IEC-320 C20
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital meter reports PDU output current in amps
Front Panel LEDs
24 power availability LEDs confirm power off/on status for each built-in outlet
PHYSICAL
Shipping Dimensions (hwd / in.)
41.54 x 5.79 x 3.94
Shipping Dimensions (hwd / cm)
105.51 x 14.71 x 10.01
Shipping Weight (lbs.)
6.00
Shipping Weight (kg)
2.72
Unit Dimensions (hwd / in.)
38.9 x 2.19 x 1.93
Unit Dimensions (hwd / cm)
98,8 x 5,6 x 4,9
Unit Weight (lbs.)
3.9
Unit Weight (kg)
1.77
Form Factors Supported
0U vertical rackmount; includes rackmount brackets. Supports toolless mounting in button-mount compatible racks
PDU Form Factor
Vertical (0U)
ENVIRONMENTAL
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com