Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF4146G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # GF4146G-AG6-R
Description  GROUND FAULT INTERRUPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GF4146G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  GF4146G-AG6-R Datasheet HTML 1Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 2Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 3Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 4Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GF4146
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-032.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Current
ICC
15
mA
16
V
Supply Voltage
All other pins
VCC
-0.8 ~ 15
V
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ishunt=1mA, TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line to Neutral
12.2
12.7
13.2
Power Supply Shunt Regulator
Voltage
VREG
Line to Neutral, Ishunt=-2mA
-0.9
-0.7
V
Quiescent Current
IQ
Line to Neutral=10V
350
400
450
µA
Reference Voltage
VREF
VREF to Neutral
5.8
6.0
6.2
V
Trip Threshold
VTH
AmpOut to VREF
3.4
3.5
3.6
V
Amplifier Offset
VOS
RSET=511KΩ, RIN=500Ω
-450
0
450
µV
Amplifier Input Offset
IOS
Design Value
-50
0
50
nA
Amplifier DC Gain
G
Design Value
100
dB
Amplifier Gain Bandwidth
(Note 5)
fGBW
Design Value
1.5
MHz
Amplifier Positive Voltage
Swing
VSW+
AmpOut to VREF, IFAULT=10µA
4.0
V
Amplifier Negative Voltage
Swing
VSW-
VREF to AmpOut, IFAULT=-10µA
4.0
V
Amplifier Current Sink
ISINK
AmpOut=VREF+3V, VFB=VREF+100mV
400
µA
Amplifier Current Source
ISRL
AmpOut=VREF-3V, VFB=VREF-100mV
400
µA
Delay Filter
td
Delay from COMP1 Trip to SCR, Low to
High
0.75
1.00
1.25
ms
SCR Output Resistance
ROUT
SCR to Neutral=250mV, AmpOut=VREF
0.5
1.0
KΩ
SCR to Neutral, AmpOut=VREF
1
10
mV
SCR Output Voltage
VOUT
SCR to Neutral, AmpOut =VREF+4V
2.5
V
SCR Output Current
IOUT
SCR to Neutral=1V, AmpOut=VREF+4V
350
500
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com