Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF4146G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # GF4146G-AG6-R
Description  GROUND FAULT INTERRUPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GF4146G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  GF4146G-AG6-R Datasheet HTML 1Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 2Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 3Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 4Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GF4146
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-032.B
TYPICAL APPLICATION CIRCUIT
SCR
Neutral
Line
AmpOut
VFB
VREF
UTC
GF4146
RSET
RIN
Sense Coil 1:1000
Load Hot
Load Neutral
TEST
RTEST
Line Hot
Line Neutral
MOV
Q1
C1
R1
120/220VAC ALCI Application (Note 2)
Typical Values
R1: 91KΩ (Wattage Determined by Maximum VAC)
RTEST: 15KΩ
RIN: 470Ω
RSET: 511KΩ (Note 1)
C1: 22nF
1. Value depends on sense-coil characteristics and application (value chosen for 5mA trip threshold).
2. Contract Fairchild for best application practices for nuisance tripping rejection.
UTC
GF4146
RSET
RIN
Sense Coil 1:1300
Load Hot
Load Neutral
TEST
RTEST
Line Hot
Line Neutral
MOV
Q1
C1
R1
220VAC RCD Application (Note 4)
Typical Values
R1: 174KΩ (Wattage Determined by Maximum VAC)
RSET: 324KΩ (Note 3)
C1: 22nF
RTEST: 15KΩ
RIN: 470Ω
C2: 10nF
3. Value depends on sense-coil characteristics and application (value chosen for 10mA trip threshold).
4. Contract Fairchild for best application practices for nuisance tripping rejection.
C2
Notes:
Notes:
SCR
Neutral
Line
AmpOut
VFB
VREF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com