Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF4146G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # GF4146G-AG6-R
Description  GROUND FAULT INTERRUPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GF4146G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  GF4146G-AG6-R Datasheet HTML 1Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 2Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 3Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 4Page - Unisonic Technologies GF4146G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
GF4146
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R121-032.B
GROUND FAULT INTERRUPTER
DESCRIPTION
The UTC GF4146 is a two-wire low-power controller for Residual
Current Devices (RCD) and AC outlet Appliance Leakage Circuit
Interrupters (ALCI) . The UTC GF4146 detects hazardous grounding
conditions and open circuits the line before a harmful shock occurs.
Internally, the UTC GF4146 contains a diode rectifier, 12V shunt
regulator using a precision temperature-compensated bandgap
reference, precision low VOS offset-sense amplifier, time delay noise
filter, window-detection comparators, and a SCR driver. With the
addition of a minimum number of external components, the UTC
GF4146
detects and protects against a hot-wire-to-ground fault.
The UTC GF4146 circuitry has a built-in rectifier and shunt
regulator that operates with a low quiescent current. This allows for a
high-value, low-wattage-series supply resistor.
The internal temperature compensated shunt regulator, sense amplifier, and bias circuitry provide for precision
ground-fault detection. The low VOS offset-sense amplifier allows direct coupling of the sense coil to the amplifier’s
feedback signal. This eliminates the large 50/60Hz AC-coupling capacitor. The internal delay filter rejects
high-frequency noise spikes common with inductive loads. This decreases false nuisance tripping. The internal
SCR driver is temperature compensated and designed to satisfy the current requirements for a wide selection of
external SCRs.
FEATURES
* For Two-Wire ALCI and RCD Applications
* Precision Sense Amplifier and Bandgap Reference
* Built-in AC Rectifier
* Direct DC Coupled to Sense Coil
* Low-Voltage SCR Disable
* Adjustable Sensitivity
* Built-in Noise Filter
* SCR Gate Driver
* Minimum External Components
* Meets UL 943B Requirements
* Ideal for 120V or 220V Systems
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
GF4146L-AG6-R
GF4146G-AG6-R
SOT-26
Tape Reel
MARKING


Similar Part No. - GF4146G-AG6-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF4000 ETC2-GF4000 Datasheet
427Kb / 2P
Ultra-conforming with excellent wet-out
logo
SMC Diode Solutions Co....
GF4045PC SMCDIODE-GF4045PC Datasheet
266Kb / 4P
SCHOTTKY RECTIFIER
Rev.A
GF4045PS SMCDIODE-GF4045PS Datasheet
866Kb / 5P
SCHOTTKY RECTIFIER
Rev.
GF4045TS SMCDIODE-GF4045TS Datasheet
527Kb / 5P
Power Modules Schottky Rectifier
Rev.-
GF4045TS-1 SMCDIODE-GF4045TS-1 Datasheet
524Kb / 5P
Power Modules Schottky Rectifier
Rev.-
More results

Similar Description - GF4146G-AG6-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
Ground Fault Interrupter
April, 2012 ??Rev. P0
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
GROUND FAULT INTERRUPTER
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
Ground Fault Interrupter
logo
ON Semiconductor
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
Ground Fault Interrupter
July 2014 Rev. 1.0.0
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
Ground Fault Interrupter
March 2013 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com