Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR02L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCR02L-S16-R
Description  DECODER FOR REMOTE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR02L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  RCR02L-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 6Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RCR02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-001.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
+5.5
V
Supply Voltage to Ground Potential
(Inputs &VDD Only)
+5.5
V
Supply Voltage to Ground Potential
(Outputs &D/O Only)
+5.5
V
DC Output Current
Io
20
mA
Power Dissipation
PD
500
mW
Ambient Temperature With Power Applied
TA
-10 ~ +40
°C
Storage Temperature
TSTG
-25 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
(Over the operating rating, TA= -10C~ +40C,VDD=4.0V±10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
2.5
4.0
5.0
V
Supply Current
IDD
(Note)
3.0
mA
Input Current
IIN
For RDB and LDB pins
60
μA
Input Low Voltage
VIL
For RDB and LDB pins
0.5
V
Input High Voltage
VIH
For RDB and LDB pins
3.5
V
Output High Voltage
VOH
IOUT=400μA
3.5
V
Output High Current
IOH
VOUT=1.4V
-1.5
mA
Output Low Voltage
VOL
IOUT=1.0mA
0.5
V
Output Low Current
IOL
VOUT=0.5V
1.0
mA
Note: Output unlosded; 2.2MΩ feedback resistors for the two reversing amplifiers; 200KΩ external resistor for the
on-chip oscillator.
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Frequency*
FOSC
TA=25C,R=200KΩ
102
128
154
KHz
SI Pin Vpp Receive Sensitivity
VSI
Guaranteed Effective Decoding
300
mV
Cycle Time of Function Code
TFUN
FOSC=128KHz
0.75
1
1.25
ms
Cycle Time of Start Code
TSTA
FOSC=128KHz
1.5
2
2.5
ms
Note: The relative error between the frequencies of the two on-chip oscillators in the RCT02 and RCR02 must be
less than±25%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com