Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR02L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR02L-S16-R
Description  DECODER FOR REMOTE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR02L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR02L-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 6Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RCR02
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-001.C
DECODER FOR REMOTE
CONTROLLER WITH FIVE
FUNCTIONS
DESCRIPTION
The chip can be used with the encoder RCT02 to provide a
complete control functions to the remote-controlled toy. The
RCR02
has five output pins corresponding with the five function
actions i.e, forward, backward, rightward, leftward and turbo. The
received signals are amplified by the three-stage amplifier, and
then
the
appropriate
amplified
signals
are
sampled,
fault-tolerantly checked and decoded to control the actions of the
remote-controlled toy.
There is an internal oscillator in the RCR02. By adding an
external resistor conveniently, the oscillator will be constructed.
The oscillator frequency can be adjusted by the external resistor.
The relative error between the frequencies of the two on chip
oscillators in the RCT02 and RCR02 must be less than ±25%.
FEATURES
* Five output pins for control functions
* Operating power-supply voltage range: 2.5 to 5.0V
* On-chip reversing amplifiers
* On-chip oscillator with an external resistor
* Low operating current
* Few external components needed
DIP-16
SOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
RCR02L-D16-T
RCR02G-D16-T
DIP-16
Tube
RCR02L-S16-R
RCR02G-S16-R
SOP-16
Tape Reel


Similar Part No. - RCR02L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
More results

Similar Description - RCR02L-S16-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
Remote Control Decoder?
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
3 FUNCTION DECODER FOR REMOTE CONTROLLER
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com