Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR02L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # RCR02L-S16-R
Description  DECODER FOR REMOTE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR02L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  RCR02L-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 6Page - Unisonic Technologies RCR02L-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RCR02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-001.C
BIT FORMAT FOR THE RECEIVED SIGNAL (W1 is used for function codes,W2 for start codes)
W1
W1:1KHz 50% Duty Cycle Typical
W2
W2: 500Hz 75% Duty Cycle Typical
WORD FORMAT FOR RECEIVED SIGNAL
Start Code: 4 ' W2
Function Code: n ' W1
1 Word
ENCODING INPUT FORMAT AND DECODING RESULT
W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’W1- - - - - - - -
Number of Function Codes(n)W1
Decoding Result
4
End Code
10
Forward
16
Forward
22
Turbo
28
Forward & Left
34
Forward & Right
40
Backward
46
Backward & Right
52
Backward & Left
58
Left
64
Right
DECODING TIMING
Press any buttons
on RCT02
Encoding output
from RCT02
1st word
2nd word
Function Codes
End Codes
last word
12
3
14
15
Decoding output
from RCR02
9ms
9ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com