Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCA9617G-SM2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCA9617G-SM2-R
Description  LEVEL TRANSLATING FM I2C-BUS REPEATER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCA9617G-SM2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCA9617G-SM2-R Datasheet HTML 1Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 2Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 3Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 4Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 5Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 6Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 7Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UCA9617
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R140-017.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE
LOW-level input voltage
VIL
0.3×
VCC(B)
V
HIGH-level input voltage
VIH
0.7×
VCC(B)
5.5
V
LOW-level input current on pin
EN
IIL(EN)
VI=0.2V,EN, VCC(B)=2.2V
-25
-4
μA
DYNAMIC CHARACTERISTICS
LOW to HIGH propagation delay
tPLH
Port B~Port A, Figure 4
-103
nS
LOW to HIGH propagation delay2
tPLH2
Port B~Port A, Figure 4
67
94
130
nS
HIGH to LOW propagation delay
tPHL
Port B~Port A, Figure 2
20
76
152
nS
LOW to HIGH output transition
time
tTLH
Port A, Figure 2
80
nS
falling slew rate
SRf
Port A, 0.7VCC(A)~0.3VCC(A)
0.022
0.037
0.14
v/nS
LOW to HIGH propagation delay
tPLH
Port A~Port B, Figure 3
40
60
137
nS
HIGH to LOW propagation delay
tPHL
Port A~Port B, Figure 3
20
80
173
nS
LOW to HIGH output transition
time
tTLH
Port B, Figure 3
80
nS
falling slew rate
SRf
Port B, 0.7VCC(B)~0.3VCC(B)
0.029
0.056
0.4
v/nS
enable time
ten
Quiescent-0.3V, EN HIGH to
enable, Figure 5
100
nS
disable time
tdis
Quiescent+0.3V, EN LOW to
disable, Figure 5
100
nS
Notes: 1. VCC(A) may be as high as 5.5V for overvoltage tolerance but 0.4VCC(A)+0.8V ≤ VCC(B) for the channels to be
enabled and functional normally.
2. For part to function, 0.4VCC(A) must be equal or less than VCC(B) - 0.8V. The voltage on the A port can still
be up to 5.5V without damage to the pins.
3. Pull-up should result in IOL≥150μA.
4. Guaranteed by design and characterization.
5. VIL for port A with envelope noise must be below 0.3VCC(A) for stable performance.
6. When VCC(A) is less than 1V, care is required to make certain that the system ground offset and noise are
minimized such that there is reasonable difference between the VIL present at the UCA9617 A-side input
and the 0.25VCC(A) input threshold.
7. Power supply decoupling capacitors need to be present for both VCC(A) and VCC(B) and the 0.1uF
decoupling for VCC(B) needs to be located near the VCC(B) pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com