Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCA9617G-SM2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UCA9617G-SM2-R
Description  LEVEL TRANSLATING FM I2C-BUS REPEATER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCA9617G-SM2-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UCA9617G-SM2-R Datasheet HTML 1Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 2Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 3Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 4Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 5Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 6Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 7Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UCA9617
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R140-017.a
TYPICAL APPLICATION CIRCUIT
The UCA9617 is 5V tolerant, so it does not require any additional circuitry to translate between 0.8V to 5.5V bus
voltages and 2.2V to 5.5V bus voltages. A typical application is shown in Figure 7. In this example, the system master
is running on a 3.3V I
2C-bus while the slave is connected to a 1.2V bus. Both buses run at 1000kHz. Master devices
ca n be placed on either bus.
When port A of the UCA9617 is pulled LOW by a driver on the I
2C-bus, a comparator detects the falling edge when
it goes below 0.3VCC(A) and causes the internal driver on port B to turn on, causing port B to pull down to about 0.5V.
When port B of the UCA9617 falls, first a CMOS hysteresis type input detects the falling edge and causes the internal
driver on port A to turn on and pull the port A pin down to ground.
The VCC(A) is only used to provide the 0.35VCC(A) reference to the port A input comparators and for the power good
detect circuit. The UCA9617 includes a VCC(A) overvoltage disable that turns the channel off if
0.4VCC(A)+0.8V>VCC(B). The UCA9617 logic and all I/Os are powered by the VCC(B) pin.
Figure 7. Typical application
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com